Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF11-32DS-2DS Datasheet(PDF) 9 Page - Hirose Electric

Part # DF11-32DS-2DS
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-32DS-2DS Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF11-32DS-2DS Datasheet HTML 4Page - Hirose Electric DF11-32DS-2DS Datasheet HTML 5Page - Hirose Electric DF11-32DS-2DS Datasheet HTML 6Page - Hirose Electric DF11-32DS-2DS Datasheet HTML 7Page - Hirose Electric DF11-32DS-2DS Datasheet HTML 8Page - Hirose Electric DF11-32DS-2DS Datasheet HTML 9Page - Hirose Electric DF11-32DS-2DS Datasheet HTML 10Page - Hirose Electric DF11-32DS-2DS Datasheet HTML 11Page - Hirose Electric DF11-32DS-2DS Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
A274
sIn-line Plug
BIn-line Plug Panel Cutouts
Note1: Please use the non-radius side for the panel hooking area.
Note2: Applicable panel thicknessing is 1.6 to 1.0mm (A slight deviation will occur for the thickness except for 1.6 and 1.2mm.)
Photo: Contact insertion status
Part Number
CL No.
Unit: mm
DF11- 4DEP-2C(**)
DF11- 6DEP-2C(**)
DF11- 8DEP-2C(**)
DF11-10DEP-2C(**)
DF11-12DEP-2C(**)
DF11-14DEP-2C(**)
DF11-16DEP-2C(**)
DF11-18DEP-2C(**)
DF11-20DEP-2C(**)
DF11-22DEP-2C(**)
DF11-24DEP-2C(**)
DF11-26DEP-2C(**)
DF11-28DEP-2C(**)
DF11-30DEP-2C(**)
DF11-32DEP-2C(**)
543-0619-5-**
543-0620-4-**
543-0621-7-**
543-0622-0-**
543-0623-2-**
543-0624-5-**
543-0625-8-**
543-0626-0-**
543-0627-3-**
543-0628-6-**
543-0629-9-**
543-0630-8-**
543-0631-0-**
543-0632-3-**
543-0633-6-**
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
9.2
11.2
13.2
15.2
17.2
19.2
21.2
23.2
25.2
27.2
29.2
31.2
33.2
35.2
37.2
Number of Contacts
A
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
C
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
D
9.4
11.4
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
35.4
37.4
E
6.3
8.3
10.3
12.3
14.3
16.3
18.3
20.3
22.3
24.3
26.3
28.3
30.3
32.3
34.3
F
Note1: The specific No. "Blank" item is delivered per bag unit (100 pcs.). Please order products per bag unit.
[Specific No.] –* *, (* *)
Blank
:100 pcs. per pack


Similar Part No. - DF11-32DS-2DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF11-32DS-2DSA HIROSE-DF11-32DS-2DSA Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-32DS-2DSA ETC2-DF11-32DS-2DSA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 15 DF11-32DS-2DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com