Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF7-10S-2.54DSA Datasheet(PDF) 5 Page - Hirose Electric

Part # MDF7-10S-2.54DSA
Description  2.54mm Pitch Bottom Entry Type Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF7-10S-2.54DSA Datasheet(HTML) 5 Page - Hirose Electric

  MDF7-10S-2.54DSA Datasheet HTML 1Page - Hirose Electric MDF7-10S-2.54DSA Datasheet HTML 2Page - Hirose Electric MDF7-10S-2.54DSA Datasheet HTML 3Page - Hirose Electric MDF7-10S-2.54DSA Datasheet HTML 4Page - Hirose Electric MDF7-10S-2.54DSA Datasheet HTML 5Page - Hirose Electric MDF7-10S-2.54DSA Datasheet HTML 6Page - Hirose Electric MDF7-10S-2.54DSA Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
A251
qMDF7P (Board to Board Size 2.54 to 8mm)
qMDF7C (Board to Board Size 5.08 to 15mm,with Locator)
Part Number
Part Number
CL No.
MDF7P- 3P-2.54DSA(**)
MDF7P- 5P-2.54DSA(**)
MDF7P- 6P-2.54DSA(**)
MDF7P- 7P-2.54DSA(**)
MDF7P- 8P-2.54DSA(**)
MDF7P- 9P-2.54DSA(**)
MDF7P-10P-2.54DSA(**)
MDF7P-11P-2.54DSA(**)
MDF7P-12P-2.54DSA(**)
MDF7P-13P-2.54DSA(**)
MDF7P-14P-2.54DSA(**)
MDF7P-15P-2.54DSA(**)
MDF7P-16P-2.54DSA(**)
MDF7P-17P-2.54DSA(**)
MDF7P-18P-2.54DSA(**)
MDF7P-19P-2.54DSA(**)
MDF7P-20P-2.54DSA(**)
MDF7P-21P-2.54DSA(**)
MDF7P-22P-2.54DSA(**)
MDF7P-23P-2.54DSA(**)
MDF7P-24P-2.54DSA(**)
MDF7P-25P-2.54DSA(**)
–––––––
–––––––
–––––––
–––––––
–––––––
–––––––
547-0360-0-**
–––––––
547-0345-7-**
–––––––
547-0385-1-**
547-0230-5-**
547-0346-0-**
–––––––
–––––––
547-0347-2-**
–––––––
–––––––
–––––––
–––––––
–––––––
547-0348-5-**
3
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
7.62
12.7
15.24
17.78
20.32
22.86
25.4
27.94
30.48
33.02
35.56
38.1
40.64
43.18
45.72
48.26
50.8
53.34
55.88
58.42
60.96
63.5
5.08
10.16
12.7
15.24
17.78
20.32
22.86
25.4
27.94
30.48
33.02
35.56
38.1
40.46
43.18
45.72
48.26
50.8
53.34
55.88
58.42
60.96
Number of Contacts
A
B
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
C
CL No.
MDF7C- 3P-2.54DSA(**)
MDF7C- 5P-2.54DSA(**)
MDF7C- 6P-2.54DSA(**)
MDF7C- 7P-2.54DSA(**)
MDF7C- 8P-2.54DSA(**)
MDF7C- 9P-2.54DSA(**)
MDF7C-10P-2.54DSA(**)
MDF7C-11P-2.54DSA(**)
MDF7C-12P-2.54DSA(**)
MDF7C-13P-2.54DSA(**)
MDF7C-14P-2.54DSA(**)
MDF7C-15P-2.54DSA(**)
MDF7C-16P-2.54DSA(**)
MDF7C-17P-2.54DSA(**)
MDF7C-18P-2.54DSA(**)
MDF7C-19P-2.54DSA(**)
MDF7C-20P-2.54DSA(**)
MDF7C-21P-2.54DSA(**)
MDF7C-22P-2.54DSA(**)
MDF7C-23P-2.54DSA(**)
MDF7C-24P-2.54DSA(**)
MDF7C-25P-2.54DSA(**)
–––––––
547-0344-4-**
547-0268-8-**
547-0378-6-**
547-0375-8-**
–––––––
–––––––
547-0376-0-**
–––––––
547-0401-6-**
547-0380-8-**
–––––––
–––––––
–––––––
547-0029-7-**
547-0361-3-**
547-0198-4-**
–––––––
–––––––
–––––––
–––––––
547-0305-2-**
3
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
7.62
12.7
15.24
17.78
20.32
22.86
25.4
27.97
30.48
33.02
35.56
38.1
40.64
43.18
45.72
48.26
50.8
53.34
55.88
58.42
60.96
63.5
5.08
10.16
12.7
15.24
17.78
20.32
22.86
25.4
27.94
30.48
33.02
35.56
38.1
40.64
43.18
45.72
48.26
50.8
53.34
55.88
58.42
60.96
Number of Contacts
A
B
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
19.46
C
Note 1: The board to board size in the above table represents the case where the 1.6mm thickness board is used.
Note 2: A quantity for delivery is determined per pack (100 pcs.). If needed, please order the products per pack.
Note 3: As for the products, which HRS No. is not indicated in the above table, we will correspond to samples, and mass-production
according to your demand. Please contact HRS company, as required.
Unit: mm
Unit: mm


Similar Part No. - MDF7-10S-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA HIROSE-MDF76-2836PCFA Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA(41) HIROSE-MDF76-2836PCFA(41) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-30P-1C HIROSE-MDF76-30P-1C Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30P-1C HIROSE-MDF76GW-30P-1C Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF7-10S-2.54DSA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200189FA SUYIN-USA-200189FA Datasheet
185Kb / 1P
   2.0mm DUAL ROW SOCKET S.M.D. BOTTOM ENTRY TYPE
logo
Molex Electronics Ltd.
0022142204 MOLEX2-0022142204 Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 2.54關m (100關
logo
Adam Technologies, Inc.
MTJ-66KA-A-01 ADAM-TECH-MTJ-66KA-A-01 Datasheet
87Kb / 1P
   BOTTOM ENTRY MODULAR JACK CENTERLATCH
logo
Molex Electronics Ltd.
0026116155 MOLEX3-0026116155 Datasheet
226Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Bottom Entry, Nylon Connector
logo
Japan Aviation Electron...
FI-XPB30SL-HF10 JAE-FI-XPB30SL-HF10 Datasheet
139Kb / 1P
   BOTTOM TYPE
logo
Molex Electronics Ltd.
0038001408 MOLEX3-0038001408 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 18 Circuits
0038001410 MOLEX3-0038001410 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 20 Circuits
0038001400 MOLEX3-0038001400 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 10 Circuits
0038001399 MOLEX3-0038001399 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 9 Circuits
0038001404 MOLEX3-0038001404 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 14 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com