Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCN51-16S3-PFA Datasheet(PDF) 6 Page - Hirose Electric

Part # MCN51-16S3-PFA
Description  High Current, High Density, Power Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MCN51-16S3-PFA Datasheet(HTML) 6 Page - Hirose Electric

  MCN51-16S3-PFA Datasheet HTML 1Page - Hirose Electric MCN51-16S3-PFA Datasheet HTML 2Page - Hirose Electric MCN51-16S3-PFA Datasheet HTML 3Page - Hirose Electric MCN51-16S3-PFA Datasheet HTML 4Page - Hirose Electric MCN51-16S3-PFA Datasheet HTML 5Page - Hirose Electric MCN51-16S3-PFA Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
123
45
67
8
10
11
12
13
14
15
16
9
Ø1.93
47.45
5
35
53.64
sPin Header: Straight, Press-Fit
q
2-row type
Fasten to the board being sure to use (American type) #2 tapping screws.
Recommended Through-Hole Diameter
Finished hole
: 2.03 dia. ± 0.05 mm
Drill diameter
: 2.185 dia. ± 0.025 mm
47.45 ±0.1
2-(
Ø2.54
)
5 ±0.05
35 ±0.05
16-
Ø2.03
±
0.05
CL No.
No. of Contacts
Part Number
589-0201-9
16
MCN51-16P2-PFA
PCB mounting pattern
Copper plating thickness : 70 ± 10 µm
Solder plating thickness : 5 to10 µm
Board thickness
: 3.2 mm min.


Similar Part No. - MCN51-16S3-PFA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCN VISHAY-MCN Datasheet
89Kb / 2P
   Capacitor Networks, Molded SIP
Revision: 17-Mar-08
logo
Cornell Dubilier Electr...
MCN CDE-MCN Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
M-System Co.,Ltd.
MCN-CON MSYSTEM-MCN-CON Datasheet
64Kb / 1P
   PC CONFIGURATOR CABLE
MCN-CON MSYSTEM-MCN-CON Datasheet
75Kb / 1P
   PC CONFIGURATOR CABLE
logo
Vishay Siliconix
MCN0501N101KTB VISHAY-MCN0501N101KTB Datasheet
89Kb / 2P
   Capacitor Networks, Molded SIP
Revision: 17-Mar-08
More results

Similar Description - MCN51-16S3-PFA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
   High Current Density Surface Mount High Current Density Surface Mount
Revision: 02-Aug-13
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
   HIGH DENSITY MINIATURE CONNECTORS
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
Vishay Siliconix
SS5P10 VISHAY-SS5P10_15 Datasheet
96Kb / 6P
   High Current Density Surface Mount
Revision: 18-Jun-12
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
logo
Wall Industries,Inc.
HVIB WALL-HVIB Datasheet
328Kb / 11P
   High Power Density
logo
Ohmite Mfg. Co.
ARF OHMITE-ARF Datasheet
250Kb / 2P
   High power density
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com