Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46LR32200B Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS46LR32200B
Description  512K x 32Bits x 4Banks Mobile DDR SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR32200B Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS46LR32200B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR32200B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR32200B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46LR32200B Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46LR32200B Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46LR32200B Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46LR32200B Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46LR32200B Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS46LR32200B Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
Rev. A | Feb. 2013
www.issi.com - dram@issi.com
IS43/46LR32200B
Mode Register
The mode register is used to define the specific mode of operation of the Mobile DDR SDRAM. This definition includes the selection of a
burst length, a burst type, a CAS latency. The mode register is programmed via the LOAD MODE REGISTER command and will retain the
stored information until programmed again, the device goes into deep power-down mode, or the device loses power.
Mode register bits A0-A2 specify the burst length, A3 specifies the type of burst (sequential or interleaved), A4-A6 specify the CAS latency,
and A7-A10 should be set to zero. BA0 and BA1 must be zero to access the mode register.
The mode register must be loaded when all banks are idle, and the controller must wait the specified time before initiating the subsequent
operation. Violating either of these requirements will result in unspecified operation.
Burst Length
Read and write accesses to the Mobile DDR SDRAM are burst oriented, with the burst length being programmable, as shown in Figure
(Mode Register Set Definition). The burst length determines the maximum number of column locations that can be accessed for a given
READ or WRITE command. Burst lengths of 2, 4,8 or 16 are available for both the sequential and the interleaved burst types.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result. When a READ or WRITE
command is issued, a block of columns equal to the burst length is effectively selected. All accesses for that burst take place within this
block, meaning that the burst will wrap within the block if a boundary is reached. The block is uniquely selected by A1-A7 when the burst
length is set to two; by A2-A7 when the burst length is set to four; by A3-A7 when the burst length is set to eight; and by A4-A7 when the
burst length is set to sixteen. The remaining (least significant) address bit(s) is (are) used to select the starting location within the block.
The programmed burst length applies to both READ and WRITE bursts.
CAS Latency
The CAS latency is the delay, in clock cycles, between the registration of a READ command and the availability of the first bit of output
data. The latency can be set to 2, 3 clocks, as shown in Figure (Standard Mode Register Definition).
For CL = 3, if the READ command is registered at clock edge n, then the data will be available at (n + 2 clocks + tAC). For CL = 2, if the
READ command is registered at clock edge n, then the data will be available at (n + 1 clock + tAC).
Figure7 : CAS Latency (BL=4)
/C K
C K
Command
T0
T1
T2
T3
T1n
T2n
T3n
READ
NOP
NOP
NOP
DQS
DQ
tAC
CL=3
DOUT
n+1
tRPRE
2tCK
T4
T4n
NOP
tRPST
DOUT
n
DOUT
n+2
DOUT
n+3
Don
’t care
DQS
DQ
tAC
CL=2
D OUT
n+1
tRPRE
1tCK
tRPST
DOUT
n
DOUT
n+2
DOUT
n+3
L
L


Similar Part No. - IS46LR32200B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR32100C ISSI-IS46LR32100C Datasheet
1Mb / 42P
   JEDEC standard 1.8V power supply
IS46LR32160B ISSI-IS46LR32160B Datasheet
1Mb / 44P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32160C ISSI-IS46LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32320B ISSI-IS46LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32400F ISSI-IS46LR32400F Datasheet
1Mb / 42P
   1M x 32Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS46LR32200B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800F ISSI-IS43LR32800F Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32400F ISSI-IS43LR32400F Datasheet
1Mb / 42P
   1M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32160B ISSI-IS43LR32160B Datasheet
1Mb / 44P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32160C ISSI-IS43LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800G ISSI-IS43LR32800G Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS43LR16800F-6BLI ISSI-IS43LR16800F-6BLI Datasheet
1Mb / 42P
   2M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16400B ISSI-IS43LR16400B Datasheet
1Mb / 42P
   1M x 16Bits x 4Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com