Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX4A3-20P-1.27SV Datasheet(PDF) 3 Page - Hirose Electric

Part # FX4A3-20P-1.27SV
Description  Stacking Height 5 to 11mm Half Pitch Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX4A3-20P-1.27SV Datasheet(HTML) 3 Page - Hirose Electric

  FX4A3-20P-1.27SV Datasheet HTML 1Page - Hirose Electric FX4A3-20P-1.27SV Datasheet HTML 2Page - Hirose Electric FX4A3-20P-1.27SV Datasheet HTML 3Page - Hirose Electric FX4A3-20P-1.27SV Datasheet HTML 4Page - Hirose Electric FX4A3-20P-1.27SV Datasheet HTML 5Page - Hirose Electric FX4A3-20P-1.27SV Datasheet HTML 6Page - Hirose Electric FX4A3-20P-1.27SV Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A191
FX4AH-*P
FX4AH-*S
FX4BH-*P
FX4BH-*S
BApplication Pattern and Stacking Height Combination
qThrough hole Type
qSMT Type
qThrough hole Type and SMT Type
Receptacle
Header
FX4C -*S
FX4C2-*S
FX4C3-*S
(Catalog page A195) (Catalog page A196) (Catalog page A197)
578
689
810
11
FX4C -
*P
(Catalog page A192)
FX4C1-
*P
(Catalog page A193)
FX4C3-
*P
(Catalog page A194)
Unit: mm
Receptacle
Header
FX4A1-*S
FX4A2-*S
FX4A3-*S
(Catalog page A202) (Catalog page A203) (Catalog page A204)
FX4B1-*S
FX4B2-*S
FX4B3-*S
(Catalog page A202) (Catalog page A203) (Catalog page A204)
789
910
11
FX4A1-
*P
(Catalog page A199)
FX4B1-
*P
(Catalog page A199)
FX4A3-
*P
(Catalog page A200)
FX4B3-
*P
(Catalog page A200)
Unit:mm
Receptacle
Header
FX4A1-*S
FX4A2-*S
FX4A3-*S
(Catalog page A202)
(Catalog page A203) (Catalog page A204)
FX4B1-*S
FX4B2-*S
FX4B3-*S
(Catalog page A202)
(Catalog page A203) (Catalog page A204)
678
789
910
11
FX4C -
*P
(Catalog page A192)
FX4C1-
*P
(Catalog page A193)
FX4C3-
*P
(Catalog page A194)
Unit:mm
Receptacle
Header
FX4A1-*P
FX4A3-*P
(Catalog page A199) (Catalog page A200)
FX4B1-*P
FX4B3-*P
(Catalog page A199) (Catalog page A203)
68
810
911
FX4C -
*S
(Catalog page A195)
FX4C2-
*S
(Catalog page A196)
FX4C3-
*S
(Catalog page A197)
· The stacking height 6mm follows the diagonal
diagram as shown below.
· The stacking height 7mm to 11mm follows the table
as shown below.
The above stacking height doesn't include the solder paste thickness.
Thus, please consider that the stacking height after the mounting process will be slightly higher than the conventional height.


Similar Part No. - FX4A3-20P-1.27SV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX401 SANYO-FX401 Datasheet
152Kb / 4P
   DC-DC Converter
logo
CML Microcircuits
FX403-Q CMLMICRO-FX403-Q Datasheet
291Kb / 6P
   QTC ADDRESS & DATA
FX403K CMLMICRO-FX403K Datasheet
144Kb / 3P
   SMALL PHYSICAL SIZE
logo
Vishay Siliconix
FX4040G71117B1 VISHAY-FX4040G71117B1 Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
FX4040G71117B5 VISHAY-FX4040G71117B5 Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
More results

Similar Description - FX4A3-20P-1.27SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
logo
TE Connectivity Ltd
C-2201196 TEC-C-2201196 Datasheet
180Kb / 3P
   0.4mm PITCH STACKING CONNECTOR PLUG ASSEMBLY 0.98mm HEIGHT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com