Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF7-16S-2.54DSA Datasheet(PDF) 6 Page - Hirose Electric

Part # MDF7-16S-2.54DSA
Description  2.54mm Pitch Bottom Entry Type Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF7-16S-2.54DSA Datasheet(HTML) 6 Page - Hirose Electric

  MDF7-16S-2.54DSA Datasheet HTML 1Page - Hirose Electric MDF7-16S-2.54DSA Datasheet HTML 2Page - Hirose Electric MDF7-16S-2.54DSA Datasheet HTML 3Page - Hirose Electric MDF7-16S-2.54DSA Datasheet HTML 4Page - Hirose Electric MDF7-16S-2.54DSA Datasheet HTML 5Page - Hirose Electric MDF7-16S-2.54DSA Datasheet HTML 6Page - Hirose Electric MDF7-16S-2.54DSA Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A252
qWhen the single-row straight pin header is used
qWhen the board to board size is set to MAX
qWhen the header with locator is used
qWhen the right angle pin header is used
[Specific No.] –* *, (* *)
Blank
:Tin plated
(01)
:Gold plated
qBoard Through-hole Diameter: Ø1.0+0
+0.1
Part Number
Part Number
CL No.
CL No.
Unit: mm
MDF7- 5P-2.54DS(**)
MDF7- 6P-2.54DS(**)
MDF7- 7P-2.54DS(**)
MDF7- 8P-2.54DS(**)
MDF7- 9P-2.54DS(**)
MDF7-10P-2.54DS(**)
MDF7-11P-2.54DS(**)
MDF7-12P-2.54DS(**)
MDF7-13P-2.54DS(**)
MDF7-14P-2.54DS(**)
MDF7-15P-2.54DS(**)
MDF7-16P-2.54DS(**)
MDF7-17P-2.54DS(**)
MDF7-18P-2.54DS(**)
MDF7-19P-2.54DS(**)
MD7F-20P-2.54DS(**)
MDF7-21P-2.54DS(**)
MDF7-22P-2.54DS(**)
MDF7-23P-2.54DS(**)
MDF7-24P-2.54DS(**)
MDF7-25P-2.54DS(**)
547-0160-1-**
547-0161-4-**
547-0162-7-**
547-0163-0-**
547-0164-2-**
547-0165-5-**
547-0166-8-**
547-0116-0-**
547-0167-0-**
547-0168-3-**
547-0027-1-**
547-0169-6-**
547-0170-5-**
547-0019-3-**
547-0171-8-**
547-0172-0-**
547-0173-3-**
547-0174-6-**
547-0175-9-**
547-0176-1-**
547-0028-4-**
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
12.7
15.24
17.78
20.32
22.86
25.4
27.94
30.48
33.02
35.56
38.1
40.64
43.18
45.72
48.26
50.8
53.34
55.88
58.42
60.96
63.5
10.16
12.7
15.24
17.78
20.32
22.86
25.4
27.94
30.48
33.02
35.56
38.1
40.64
43.18
45.72
48.26
50.8
53.34
55.88
58.42
60.96
Number of Contacts
Number of Contacts
A
A
B
B
sSingle-Row Right Angle Pin Header
Note: A quantity for delivery is determined per pack (100 pcs.). If needed, please order the products per pack.
BApplication Pattern and PCB mounting pattern
The locator moves as the connector is inserted.
To separate clearance between the boards, the operation limit t is defined as the
state where the male pin has passed through the receptacle.


Similar Part No. - MDF7-16S-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA HIROSE-MDF76-2836PCFA Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA(41) HIROSE-MDF76-2836PCFA(41) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-30P-1C HIROSE-MDF76-30P-1C Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30P-1C HIROSE-MDF76GW-30P-1C Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF7-16S-2.54DSA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200189FA SUYIN-USA-200189FA Datasheet
185Kb / 1P
   2.0mm DUAL ROW SOCKET S.M.D. BOTTOM ENTRY TYPE
logo
Molex Electronics Ltd.
0022142204 MOLEX2-0022142204 Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 2.54關m (100關
logo
Adam Technologies, Inc.
MTJ-66KA-A-01 ADAM-TECH-MTJ-66KA-A-01 Datasheet
87Kb / 1P
   BOTTOM ENTRY MODULAR JACK CENTERLATCH
logo
Molex Electronics Ltd.
0026116155 MOLEX3-0026116155 Datasheet
226Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Bottom Entry, Nylon Connector
logo
Japan Aviation Electron...
FI-XPB30SL-HF10 JAE-FI-XPB30SL-HF10 Datasheet
139Kb / 1P
   BOTTOM TYPE
logo
Molex Electronics Ltd.
0038001408 MOLEX3-0038001408 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 18 Circuits
0038001410 MOLEX3-0038001410 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 20 Circuits
0038001400 MOLEX3-0038001400 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 10 Circuits
0038001399 MOLEX3-0038001399 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 9 Circuits
0038001404 MOLEX3-0038001404 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 14 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com