Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8582 Datasheet(PDF) 7 Page - Mallory performance club

Part # PN8582
Description  MSD Ford Billet Distributors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8582 Datasheet(HTML) 7 Page - Mallory performance club

  PN8582 Datasheet HTML 1Page - Mallory performance club PN8582 Datasheet HTML 2Page - Mallory performance club PN8582 Datasheet HTML 3Page - Mallory performance club PN8582 Datasheet HTML 4Page - Mallory performance club PN8582 Datasheet HTML 5Page - Mallory performance club PN8582 Datasheet HTML 6Page - Mallory performance club PN8582 Datasheet HTML 7Page - Mallory performance club PN8582 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INSTALLATION INSTRUCTIONS
7
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Figure 11 Wiring with an MSD 7-Series Ignition and Timing Control.
T
A
C
H
C+
C-
IGN
PTS
M+
M-
HEAVY RED
TO GROUND
NOT USED
TIMING
CONTROL
SWITCHED 12 VOLTS
FROM IGNITION KEY
RED
BLACK
NOT
USED
ORANGE
HEAVY BLACK
+
GREEN
VIOLET
+
TO BATTERY
TO BATTERY
Note: MSD 6 and 7 Series Ignitions
share the same color wiring.
REPLACING THE DISTRIBUTOR GEAR
To replace the distributor gear on the MSD Distributors, the following steps must be followed.
1. Remove the original spiral pin with a punch and press the original gear off the shaft. Press the new
gear onto the shaft and line up the holes for the spiral pin.
Note: The holes may not line up.
2. If the holes line up, measure the distance as shown in the diagram. If the measurement is not correct
or the holes do not line up, a new hole must be drilled. If the measurement is within specifications
and the holes line up, install a new spiral pin.
3. To drill a new hole, turn the gear on the shaft so the gear hole is approximately 90° to the original
shaft hole. Carefully position the gear on the shaft to match the specifications given in the drawing.
Note: Before measuring, push the shaft in to remove all of the end play.
4. When the gear is in the correct position, drill a 0.125” hole through the distributor shaft. Install a
new spiral pin and recheck the measurement.
Note: If the measurement is not within specifications after drilling, a slight correction can be made by
machining the upper face of the thrust collar.
Do not remove more than 0.010” or rotor-to-cap
interference may result.
Figure 12 Replacing the Distributor Gear.
THRUST COLLAR
PRESS FIRMLY TO
TAKE OUT ALL END
PLAY BEFORE
MEASURING.
4.005” MAX.
3.996” MIN.


Similar Part No. - PN8582

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85806 MALLORY-PN85806 Datasheet
351Kb / 8P
   MSD Pro-Billet Marine Distributor
PN85806 MALLORY-PN85806 Datasheet
351Kb / 8P
   MSD Pro-Billet Marine Distributor
PN8589 MALLORY-PN8589 Datasheet
489Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
More results

Similar Description - PN8582

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8598 MALLORY-PN8598 Datasheet
345Kb / 8P
   MSD Ford Billet Distributors
PN8378 MALLORY-PN8378 Datasheet
74Kb / 2P
   MSD Billet Crank Trigger Distributors
PN8451 MALLORY-PN8451 Datasheet
85Kb / 2P
   Pro-Billet Late Model Ford Distributors
PN8569 MALLORY-PN8569 Datasheet
74Kb / 2P
   MSD Billet Crank Trigger Distributors
PN8558 MALLORY-PN8558 Datasheet
125Kb / 4P
   MSD Billet Crank Trigger Distributors
84563 MALLORY-84563 Datasheet
84Kb / 2P
   Pro-Billet Late Model Ford Distributors
PN8382 MALLORY-PN8382 Datasheet
395Kb / 8P
   MSD Pro-Billet Dual Pickup Ford Distributor
PN8528 MALLORY-PN8528 Datasheet
641Kb / 8P
   MSD Pro-Billet Ready-to-Run Distributors
85793 MALLORY-85793 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
PN8577 MALLORY-PN8577 Datasheet
394Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com