Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8504 Datasheet(PDF) 2 Page - Mallory performance club

Part # PN8504
Description  MSD Pro-Billet Digital E-Curve Distributor Chrysler, 318, 340, 360
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8504 Datasheet(HTML) 2 Page - Mallory performance club

  PN8504 Datasheet HTML 1Page - Mallory performance club PN8504 Datasheet HTML 2Page - Mallory performance club PN8504 Datasheet HTML 3Page - Mallory performance club PN8504 Datasheet HTML 4Page - Mallory performance club PN8504 Datasheet HTML 5Page - Mallory performance club PN8504 Datasheet HTML 6Page - Mallory performance club PN8504 Datasheet HTML 7Page - Mallory performance club PN8504 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Figure 2 Ignition Timing Factors.
Note: It is recommended to have a dial-back timing light, timing tape or a fully degreed balancer to
set the timing correctly.
CHOOSING AN ADVANCE CURVE
The function of the advance curve is to match the ignition timing to the burning rate of the fuel with
the speed (rpm) of the engine. The piston is traveling much faster through the combustion stroke at
5,000 rpm compared to 1,000 rpm. Any factor that changes the burning rate of the fuel or the engine
speed can cause a need for an ignition timing change. Figure 2 shows some of the factors that will
affect engine timing.
FACTOR
Advance Timing
Retard Timing
For
For
Cylinder Pressure
Low
High
Vacuum
High
Low
Energy of Ignition
Low
High
Fuel Octane
High
Low
Mixture (Air/Fuel)
Rich
Lean
Temperature
Cool
Hot
Combustion Chamber Shape
Open
Compact
Spark Plug Location
Offset
Center
Combustion Turbulence
Low
High
Load
Light
Heavy
As you can see from the chart, most factors will change throughout the range of the engine operation.
The Digital E-Curve allows you to make timing changes based on these factors.
Example: An engine has 11:1 compression, a high energy ignition and turns 5,500 rpm. With the
specifications given, you will have to retard the timing for the high compression and high energy
ignition. By comparing the engine’s specifications against the chart, a usable timing guideline can
be found. Engines with a combination of items from both columns will require a timing that is set in
the mid range.
Obviously a full technical explanation of correct ignition timing would be very complicated. The best
way to arrive at a suitable ignition curve for your engine is to use the Ignition Timing Factors Chart
as a guide and compare it to the Advance Graphs in Figure 3 until a suitable curve is found. When
selecting your advance curve, use detonation (engine ping) as an indicator of too much advance, and
a decrease in power as an indicator of too little advance. Also consider how the engine cranks and
starts. Too much advance can cause an engine to crank slow or even kick back. Here are a couple
of suggestions.
• Useasmuchinitialadvanceaspossiblewithoutencounteringexcessivestarterload.
• Starttheelectricaladvancejustabovetheidlerpm.
• Selectanadvancecurvethatproducesgoodaccelerationwithoutdetonation.


Similar Part No. - PN8504

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85001 MALLORY-PN85001 Datasheet
724Kb / 12P
   MSD Super HEI Kit
PN8503 MALLORY-PN8503 Datasheet
903Kb / 8P
   MSD Pro-Billet Digital E-Curve Distributor
PN8509 MALLORY-PN8509 Datasheet
148Kb / 2P
   Magnetic Signal Stabilizer
More results

Similar Description - PN8504

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8503 MALLORY-PN8503 Datasheet
903Kb / 8P
   MSD Pro-Billet Digital E-Curve Distributor
PN8394 MALLORY-PN8394 Datasheet
927Kb / 8P
   MSD Pro-Billet Digital E-Curve Distributor
PN83891 MALLORY-PN83891 Datasheet
489Kb / 8P
   MSD Pro-Billet Chrysler Distributor
PN8534 MALLORY-PN8534 Datasheet
521Kb / 8P
   MSD Pro-Billet Chrysler V8 Distributor
PN8545 MALLORY-PN8545 Datasheet
334Kb / 8P
   MSD Pro-Billet Chrysler V8 Distributor
85463 MALLORY-85463 Datasheet
327Kb / 8P
   MSD Pro-Billet Chrysler V8 Distributor
PN8389 MALLORY-PN8389 Datasheet
561Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler Distributor
PN8388 MALLORY-PN8388 Datasheet
603Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
83873 MALLORY-83873 Datasheet
597Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN8363 MALLORY-PN8363 Datasheet
526Kb / 8P
   MSD Pro-Billet Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com