Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR30-6J-3SC Datasheet(PDF) 10 Page - Hirose Electric

Part # HR30-6J-3SC
Description  Miniature Waterproof Plastic Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6J-3SC Datasheet(HTML) 10 Page - Hirose Electric

Back Button HR30-6J-3SC Datasheet HTML 2Page - Hirose Electric HR30-6J-3SC Datasheet HTML 3Page - Hirose Electric HR30-6J-3SC Datasheet HTML 4Page - Hirose Electric HR30-6J-3SC Datasheet HTML 5Page - Hirose Electric HR30-6J-3SC Datasheet HTML 6Page - Hirose Electric HR30-6J-3SC Datasheet HTML 7Page - Hirose Electric HR30-6J-3SC Datasheet HTML 8Page - Hirose Electric HR30-6J-3SC Datasheet HTML 9Page - Hirose Electric HR30-6J-3SC Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Solder termination fixture
Insulator/contact assembly
Block end face
10
BAssembly Procedures
Plug Assembly Sequence
1
2
Thread the back shell, strain relief, seal bushing, spring and push/pull locking collar over the cable as shown above.
Solder type
1. Pre-solder the exposed cable conductors (dia. A). The diameter of the pre-soldered conductors should not exceed 0.7
mm for 6 contact plug and 1.0 mm for 3 contact plug.
2. Insert the insulator body over the applicable solder termination fixture.
3. Insert the pre-soldered conductors in the contact soldering pot and solder them in place.
Soldering iron temperature should be 280 ±10ç applied for 3-4 second.
Crimp type
1. Crimp the applicable contact to the stripped conductor. Use correct crimp tools. Verify the dimensions and crimp
configuration.
2. Insert the contact into the appropriate opening in the insulator body.
3. Verify fully seated position by applying a slight pull force on the conductor. The contact should remain in place.
Re-insert if not seated.
A
B
Solder type : 3 and 6 pos.
Solder type : 12 pos.
Crimp type : 10 and 12 pos.
2 mm
2 mm
2mm
-0
-0.5
5.5 mm max.
10 mm max.
15
to 20 mm
B
Seal bushing
Strain relief
Back shell
Insulator/contact assembly
Cable
Spring
Push/pull locking collar
A


Similar Part No. - HR30-6J-3SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6J-3SC HIROSE-HR30-6J-3SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6J-3SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com