Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF27A-1416PCF Datasheet(PDF) 3 Page - Hirose Electric

Part # MDF27A-1416PCF
Description  Crimping Contact Directly Mounted on Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF27A-1416PCF Datasheet(HTML) 3 Page - Hirose Electric

  MDF27A-1416PCF Datasheet HTML 1Page - Hirose Electric MDF27A-1416PCF Datasheet HTML 2Page - Hirose Electric MDF27A-1416PCF Datasheet HTML 3Page - Hirose Electric MDF27A-1416PCF Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B196
sMDF12 Series
sMDF27 Series
Part Number
CL No.
Applicable Cable
Packaging Type
A Size B Size
AWG
Jacket Diameter
MDF120-1822PCF
547-0196-9
AWG 18
1.5mm to
5,000
MDF120-1822PC
547-0221-4
to
2.2mm
100
9.4
3.2
MDF12A-1822PCF
547-0208-6
AWG 22
2.1mm to
3,500
MDF12A-1822PC
547-0222-7
2.9mm
100
MDF120-1416PCF
547-0209-9
AWG 14
2.4mm to
2,500
MDF120-1416PC
547-0223-0
to
2.7mm
100
11.2
3.6
MDF12A-1416PCF
547-0210-8
AWG 16
2.6mm to
2,500
MDF12A-1416PC
547-0224-2
3.6mm
100
qApplicable Board Hole Diameter : Ø1.8
+0
+0.1
qApplicable Board Thickness : 1.6
qApplicable Cable (Tin Plating Annealed Copper Wire)
Conductor Size (Wire Construction)
AWG 14 (41 cores./0.25mm)
AWG 16 (41 cores./0.254mm)
AWG 18 (34 cores./0.18mm)
AWG 20 (21 cores./0.18mm)
AWG 22 (17 cores./0.16mm)
Note: If other cables are used instead of the applicable cable, contact Hirose sales department.
Note: AWG14-16
qStrip Length
3.3 to 4.2mm
qPCB mounting pattern
qApplicable Board Thickness : 1.6
Part Number
CL No.
Applicable Cable
Packaging
Type
AWG
Jacket Diameter
MDF270-1822PCF
547-0286-0
AWG 18
1.5mm to
5000
MDF270-1822PC
–––––––
to
2.2mm
100
MDF27A-1822PCF
547-0288-5
AWG 22
2.1mm to
3500
MDF27A-1822PC
–––––––
2.9mm
100
MDF270-1416PCF
547-0294-8
AWG 14
2.4mm to
2500
MDF270-1416PC
–––––––
to
2.7mm
100
MDF27A-1416PCF
547-0296-3
AWG 16
2.6mm to
2500
MDF27A-1416PC
–––––––
3.6mm
100


Similar Part No. - MDF27A-1416PCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF27A-1416PCF HIROSE-MDF27A-1416PCF Datasheet
205Kb / 4P
   Crimp Contact for Direct Joining Thick Wire PCB
More results

Similar Description - MDF27A-1416PCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF2C-10DT-1.27R HIROSE-HIF2C-10DT-1.27R Datasheet
134Kb / 4P
   Staggered Connector Directly Mounted on Board
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
HIF2E-10D-2.54RB HIROSE-HIF2E-10D-2.54RB Datasheet
127Kb / 4P
   2.54mm Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
236Kb / 7P
   2mm Pitch Connector Directly Mounted on Board
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com