Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-147 Datasheet(PDF) 3 Page - Hirose Electric

Part # MS-147
Description  DC to 6GHz Ultra-Small Coaxial Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-147 Datasheet(HTML) 3 Page - Hirose Electric

  MS-147 Datasheet HTML 1Page - Hirose Electric MS-147 Datasheet HTML 2Page - Hirose Electric MS-147 Datasheet HTML 3Page - Hirose Electric MS-147 Datasheet HTML 4Page - Hirose Electric MS-147 Datasheet HTML 5Page - Hirose Electric MS-147 Datasheet HTML 6Page - Hirose Electric MS-147 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
119
sTypical Data
INSERTION LOSS
V.S.W.R.
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.045
3.0
4.0
2.0
6.0 [GHz]
[dB]
0.8
0.6
0.4
0.2
0
V.S.W.R.
1.0
1.2
1.4
1.6
1.8
2.0
0.045
6.0 [GHz]
[dB]
0.8
0.6
0.4
0.2
0
3.0
4.0
2.0
ISOLATION
45
40
35
30
25
0.045
6.0 [GHz]
[dB]
20
15
10
5
0
3.0
4.0
2.0
qNORMALLY CLOSED (N.C)~ (Not mated with the plug)
qOPEN (N.O)~ (Mated with the plug)
qISOLATION


Similar Part No. - MS-147

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-147(01) HIROSE-MS-147(01) Datasheet
174Kb / 7P
   Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147(06) HIROSE-MS-147(06) Datasheet
174Kb / 7P
   Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147-C(LP)-1 HIROSE-MS-147-C(LP)-1 Datasheet
174Kb / 7P
   Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147-C(LP)-4 HIROSE-MS-147-C(LP)-4 Datasheet
174Kb / 7P
   Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147-HRMJ-1 HIROSE-MS-147-HRMJ-1 Datasheet
174Kb / 7P
   Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
More results

Similar Description - MS-147

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007 FILTRONIC-FMS2007 Datasheet
213Kb / 6P
   DC-6GHz DPDT Diversity Switch
FMS2007QFN FILTRONIC-FMS2007QFN Datasheet
187Kb / 6P
   DC-6GHz DPDT Diversity Switch
logo
Excelics Semiconductor,...
EMS101-C EXCELICS-EMS101-C Datasheet
182Kb / 3P
   DC-6GHz GaAs MMIC SPDT SWITCH
logo
Pasternack Enterprises,...
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
   Operate from DC to 6GHz
PE3CA1027 PASTERNACK-PE3CA1027 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1000 PASTERNACK-PE3CA1000 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1001 PASTERNACK-PE3CA1001 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1022 PASTERNACK-PE3CA1022 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com