Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-145-C-A Datasheet(PDF) 3 Page - Hirose Electric

Part # MS-145-C-A
Description  Interface Coaxial Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-145-C-A Datasheet(HTML) 3 Page - Hirose Electric

  MS-145-C-A Datasheet HTML 1Page - Hirose Electric MS-145-C-A Datasheet HTML 2Page - Hirose Electric MS-145-C-A Datasheet HTML 3Page - Hirose Electric MS-145-C-A Datasheet HTML 4Page - Hirose Electric MS-145-C-A Datasheet HTML 5Page - Hirose Electric MS-145-C-A Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
113
B
PCB Mounting Pattern
sReceptacle dimensions
Parts No : MS-145(06)
1,000 pieces per reel
All dimensions in mm.
B
Packaging Specifications
B
Circuit Diagram
1.4
0.9
2.4
7
6
Ø5.06
0.5
Ø3
Not mated with the plug
(N.C)
Mated with the plug
(N.O)
2-R2
Plug
MS-145
G
A
C
G
G
A
C
G
G
A
C
G
G
B
G
B
G
B
G
1
12
4
Ø13
16.4
2
2
Ø1.5
Unreeling direction
1,000 pieces / reel
Unreeling direction


Similar Part No. - MS-145-C-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-14-140 ETC2-MS-14-140 Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
MS-14-140-Y ETC2-MS-14-140-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
logo
Hirose Electric
MS-147 HIROSE-MS-147 Datasheet
122Kb / 7P
   DC to 6GHz Ultra-Small Coaxial Switch
MS-147(01) HIROSE-MS-147(01) Datasheet
174Kb / 7P
   Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
MS-147(06) HIROSE-MS-147(06) Datasheet
174Kb / 7P
   Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
More results

Similar Description - MS-145-C-A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-136 HIROSE-MS-136 Datasheet
110Kb / 3P
   Coaxial Switches
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
R591 ETC-R591 Datasheet
1Mb / 8P
   COAXIAL SUBMINIATURE MULTIPORT SWITCHES
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
   Coaxial Transceiver Interface
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
   SMPTE Coaxial Cable Interface
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
Filtronic Compound Semi...
STM2180A FILTRONIC-STM2180A Datasheet
339Kb / 2P
   SWITCHES SPDT TO MPDT, MANUAL, COAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com