Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMH04 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMH04
Description  TOSHIBA High Efficiency Rectifier Silicon Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMH04 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMH04_13 Datasheet HTML 1Page - Toshiba Semiconductor CMH04_13 Datasheet HTML 2Page - Toshiba Semiconductor CMH04_13 Datasheet HTML 3Page - Toshiba Semiconductor CMH04_13 Datasheet HTML 4Page - Toshiba Semiconductor CMH04_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMH04
2013-11-01
2
Marking
Abbreviation Code
Part No.
H4
CMH04
Standard Soldering Pad
Handling Precaution
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the absolute
maximum rating of VRRM for a DC circuit and be no greater than 50% of that of VRRM for an AC circuit.
VRRM has a temperature coefficient of 0.1%/℃. Take this temperature coefficient into account designing a
device at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF(AV).
Carry out adequate heat design. If you can’t design a circuit with excellent heat radiation, set the margin by
using an allowable Tamax-IF (AV) curve.
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180.
Therefore, this is only applied for an abnormal operation, which seldom occurs during the lifespan of the device.
We recommend that a device be used at a Tj of below 120℃ under the worst load and heat radiation conditions.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When
using a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value.
Please refer to the Rectifiers databook for further information.
3.0
1.4
Unit: mm
1.4


Similar Part No. - CMH04_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMH04 TOSHIBA-CMH04 Datasheet
197Kb / 5P
   Switching Mode Power Supply Applications
More results

Similar Description - CMH04_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMH07 TOSHIBA-CMH07_13 Datasheet
204Kb / 5P
   TOSHIBA High Efficiency Rectifier Silicon Epitaxial Type
CRH01 TOSHIBA-CRH01_13 Datasheet
158Kb / 4P
   TOSHIBA High Efficiency Rectifier Silicon Epitaxial Type
CMH01 TOSHIBA-CMH01_13 Datasheet
203Kb / 5P
   TOSHIBA High Efficiency Rectifier Silicon Epitaxial Type
U1DL49 TOSHIBA-U1DL49 Datasheet
122Kb / 3P
   TOSHIBA HIGH EFFICIENCY RECTIFIER (HED) SILICON EPITAXIAL JUNCTION TYPE
CRH02 TOSHIBA-CRH02 Datasheet
252Kb / 5P
   TOSHIBA High-Efficiency Diodes Silicon Epitaxial Type
5GLZ47A TOSHIBA-5GLZ47A Datasheet
211Kb / 4P
   HIGH EFFICIENCY RECTIFIER SILICON EPITAXIAL TYPE
5GUZ47 TOSHIBA-5GUZ47 Datasheet
204Kb / 4P
   HIGH EFFICIENCY RECTIFIER SILICON EPITAXIAL TYPE
U20GL2C48A TOSHIBA-U20GL2C48A Datasheet
93Kb / 2P
   TOSHIBA HIGH EFFICIENCY DIODE STACK (HED) SILICON EPITAXIAL TYPE
U20GL2C53A TOSHIBA-U20GL2C53A Datasheet
134Kb / 4P
   TOSHIBA High Efficiency Diode Stack (HED) Silicon Epitaxial Type
16DL2CZ47A TOSHIBA-16DL2CZ47A Datasheet
177Kb / 4P
   TOSHIBA HIGH EFFICIENCY DIODE STACK (HED) SILICON EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com