Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

371140104000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 371140104000
Description  EPDM high temperature lead wire. 150C EPDM wire is recommended for Class 130
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

371140104000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  371140104000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 371140104000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
37114 0024000
1,219 MT
43.545 KG
RED
C I Z
#14STR EPDM 150C 600VRED
37114 002500
152 MT
5.670 KG
RED
F
#14 STR EPDM 150C 600V
37114 0104000
1,219 MT
43.545 KG
BLACK
C I
#14STR EPDM 150C 600VBLK
37114 010500
152 MT
5.670 KG
BLACK
F
#14 STR EPDM 150C
37114 0105000
1,524 MT
56.699 KG
BLACK
C
#14 STR EPDM BLK
Notes:
C = CRATE REEL PUT-UP.
F = MAY CONTAIN MORE THAN 1 PIECE. MINIMUM LENGTH OF ANY ONE PIECE IS 50'
I = MAY CONTAIN MORE THAN 1 PIECE. MINIMUM LENGTH OF ANY ONE PIECE IS 200'
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Revision Number: 1
Revision Date: 05-14-2007
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 2 of 2
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
37114 Hook-up/Lead - UL AWM Style 3340 and 3374


Similar Part No. - 371140104000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
37114 BELDEN-37114 Datasheet
152Kb / 2P
   Lead Wire, #14 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37114-0024000 BELDEN-37114-0024000 Datasheet
152Kb / 2P
   Lead Wire, #14 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37114-002500 BELDEN-37114-002500 Datasheet
152Kb / 2P
   Lead Wire, #14 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37114-0104000 BELDEN-37114-0104000 Datasheet
152Kb / 2P
   Lead Wire, #14 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37114-010500 BELDEN-37114-010500 Datasheet
152Kb / 2P
   Lead Wire, #14 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
More results

Similar Description - 371140104000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346633 ETC2-1346633 Datasheet
96Kb / 2P
   EPDM high temperature lead wire 150C EPDM wire is recommended for Class 130
1351267 ETC2-1351267 Datasheet
95Kb / 2P
   EPDM high temperature lead wire
logo
Belden Inc.
37501 BELDEN-37501 Datasheet
163Kb / 2P
   Lead Wire, #1 Str TC, EPDM Ins, AWM 3499
01-20-2023
37504 BELDEN-37504 Datasheet
149Kb / 2P
   Lead Wire, #4 Str TC, EPDM Ins, AWM 3499
01-20-2023
37508 BELDEN-37508 Datasheet
149Kb / 2P
   Lead Wire, #8 Str TC, EPDM Ins, AWM 3499
01-20-2023
37502 BELDEN-37502 Datasheet
149Kb / 2P
   Lead Wire, #2 Str TC, EPDM Ins, AWM 3499
01-20-2023
37506 BELDEN-37506 Datasheet
149Kb / 2P
   Lead Wire, #6 Str TC, EPDM Ins, AWM 3499
01-20-2023
37530 BELDEN-37530 Datasheet
148Kb / 2P
   Lead Wire, #3/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
37500 BELDEN-37500 Datasheet
148Kb / 2P
   Lead Wire, #2/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
37540 BELDEN-37540 Datasheet
148Kb / 2P
   Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com