Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1829AQ5HU1000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1829AQ5HU1000
Description  Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1829AQ5HU1000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1829AQ5HU1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1829AQ5HU1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1829AQ5HU1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1000
21.4577
1450
26.248
1800
28.8728
2250
32.81
3000
39.0439
Max. Operating Voltage - UL:
Voltage
350 V RMS
Minimum Structural Return Loss:
Start Freq. (MHz) Stop Freq. (MHz) Min. SRL (dB)
950
2250
15
2250
3000
10
Sweep Test
Sweep Testing:
950 MHz - 3 GHz
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
1829A Q5HU1000
305 MT
13.154 KG
WHITE, NEUTRAL
Z
#18 GIFHDLDPE SH FR PVC
1829A Q5H1000
305 MT
13.608 KG
WHITE, NEUTRAL
Z
#18 GIFHDLDPE SH FR PVC
1829A 008U1000
305 MT
13.154 KG
GRAY
Z
#18 GIFHDLDPE SH FR PVC
1829A 0081000
305 MT
13.608 KG
GRAY
Z
#18 GIFHDLDPE SH FR PVC
1829A 009U1000
305 MT
13.154 KG
WHITE
Z
#18 GIFHDLDPE SH FR PVC
1829A 0091000
305 MT
13.608 KG
WHITE
Z
#18 GIFHDLDPE SH FR PVC
1829A 010U1000
305 MT
13.154 KG
BLACK
#18 GIFHDLDPE SH FR PVC
1829A 0101000
305 MT
13.608 KG
BLACK
C
#18 GIFHDLDPE SH FR PVC
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Revision Number: 5
Revision Date: 04-25-2008
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1829A Coax - Series 6


Similar Part No. - 1829AQ5HU1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1829A BELDEN-1829A Datasheet
143Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Foil 60% AL Braid, PVC Jkt, CM
04-14-2023
1829A-0081000 BELDEN-1829A-0081000 Datasheet
143Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Foil 60% AL Braid, PVC Jkt, CM
04-14-2023
1829A-008U1000 BELDEN-1829A-008U1000 Datasheet
143Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Foil 60% AL Braid, PVC Jkt, CM
04-14-2023
1829A-0091000 BELDEN-1829A-0091000 Datasheet
143Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Foil 60% AL Braid, PVC Jkt, CM
04-14-2023
1829A-009U1000 BELDEN-1829A-009U1000 Datasheet
143Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Foil 60% AL Braid, PVC Jkt, CM
04-14-2023
More results

Similar Description - 1829AQ5HU1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345253 ETC2-1345253 Datasheet
101Kb / 3P
   23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1351636 ETC2-1351636 Datasheet
101Kb / 3P
   Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1346517 ETC2-1346517 Datasheet
105Kb / 3P
   Series 59 20 AWG solid .032 bare copper-covered steel conductor
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1695A ETC2-1695A Datasheet
107Kb / 4P
   RG-6/U type, 18 AWG solid .040 bare copper conductor, plenum, foam FEP insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com