Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1347092 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1347092
Description  22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1347092 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1347092 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1347092 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1347092 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8305 060100
30 MT
3.266 KG
CHROME
5 #22 PR PVC SHLD PVC
8305 0601000
305 MT
30.391 KG
CHROME
C
5 #22 PR PVC SHLD PVC
8305 060500
152 MT
15.876 KG
CHROME
C
5 #22 PR PVC SHLD PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 1
Revision Date: 04-16-2008
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8305 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232 Applications


Similar Part No. - 1347092

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1347098 ETC2-1347098 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors,
More results

Similar Description - 1347092

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344472 ETC2-1344472 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1351693 ETC2-1351693 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1347867 ETC2-1347867 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation
1345399 ETC2-1345399 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation
1326A ETC2-1326A Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation
28513 ETC2-28513 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28494 ETC2-28494 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28509 ETC2-28509 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com