Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9318060U500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9318060U500
Description  18 AWG pairs stranded (19x30) tinned copper conductors,
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9318060U500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9318060U500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9318060U500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9318060U500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation, overall Beldfoil®
shield (100% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
18
19x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
PVC - Polyvinyl Chloride
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
20
19x32
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.9398
Outer Jacket Ripcord:
Yes
Overall Cabling
Overall Cabling Lay Length & Direction:
Direction
Left-hand Lay
Overall Nominal Diameter:
5.918 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +105°C
UL Temperature Rating:
105°C
Bulk Cable Weight:
47.622 Kg/Km
Max. Recommended Pulling Tension:
266.892 N
Min. Bend Radius (Install)/Minor Axis:
57.150 mm
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9318 Multi-Conductor - 300V Power-Limited Tray Cable


Similar Part No. - 9318060U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9318 ETC2-9318 Datasheet
1Mb / 22P
   300V Power-Limited Tray Cables ??Overview
logo
Belden Inc.
9318 BELDEN-9318 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #18 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9318 KEYSTONE-9318 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9318 HEYCO-9318 Datasheet
153Kb / 1P
   Lockit™ Nylon Cable Clamps
9318 HEYCO-9318 Datasheet
152Kb / 2P
   Snap Rivets
More results

Similar Description - 9318060U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1647596 ETC2-1647596 Datasheet
100Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1351328 ETC2-1351328 Datasheet
98Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1682745 ETC2-1682745 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1344841 ETC2-1344841 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
1347086 ETC2-1347086 Datasheet
98Kb / 3P
   18 AWG stranded (19x30) tinned copper conductors
1351327 ETC2-1351327 Datasheet
99Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors
1346630 ETC2-1346630 Datasheet
99Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors
1682735 ETC2-1682735 Datasheet
102Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
1344817 ETC2-1344817 Datasheet
97Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com