Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1347210 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1347210
Description  23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1347210 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1347210 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1347210 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1347210 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1347210 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
RG Type:
Sub-miniature 59/U
Flame Test
UL Flame Test:
UL1666 Vertical Shaft
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes - Black only
Suitability - Aerial:
Yes - Black only, when supported by a messenger wire
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
75
Nom. Inductance:
Inductance (µH/m)
0.351067
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
53.4803
Nominal Velocity of Propagation:
VP (%)
82
Nominal Delay:
Delay (ns/m)
4.00282
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
65.9481
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
24.9356
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
1.000
1.280
3.580
2.559
5.000
3.019
6.000
3.281
7.000
3.543
10.000
3.937
12.000
4.265
25.000
5.906
67.500
9.285
71.500
10.040
88.500
10.368
100.000
10.926
135.000
12.501
143.000
12.862
180.000
14.371
270.000
17.717
Page 2 of 4
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1855A Coax - Sub-Miniature


Similar Part No. - 1347210

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1347288 TURCK-1347288 Datasheet
423Kb / 3P
   Magnetic Field Sensor – For Pneumatic Cylinders
11/07/2023
1347290 TURCK-1347290 Datasheet
431Kb / 3P
   Magnetic Field Sensor – for pneumatic cylinders (magnetic-field immune)
11/07/2023
More results

Similar Description - 1347210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1345383 ETC2-1345383 Datasheet
105Kb / 4P
   20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1349791 ETC2-1349791 Datasheet
102Kb / 4P
   10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
1694F ETC2-1694F Datasheet
90Kb / 4P
   19 AWG stranded (7x27) bare copper conductor, gas-injected foam HDPE insulation
1865A ETC2-1865A Datasheet
32Kb / 4P
   25 AWG stranded (19x37) .021 bare copper conductor, gas-injected foam HDPE insulation
7807A ETC2-7807A Datasheet
102Kb / 3P
   RG-58 type, 17 AWG solid .044 bare copper conductor, gas-injected foam HDPE insulation
1351779 ETC2-1351779 Datasheet
102Kb / 3P
   RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1505S3 ETC2-1505S3 Datasheet
87Kb / 3P
   20 AWG solid .032 bare copper conductors, gas-injected foam HDPE insulation, Duofoil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com