Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1200TDWVRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200TDWVRQ1
Description  Fully-Differential Isolation Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200TDWVRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  AMC1200TDWVRQ1 Datasheet HTML 1Page - Texas Instruments AMC1200TDWVRQ1 Datasheet HTML 2Page - Texas Instruments AMC1200TDWVRQ1 Datasheet HTML 3Page - Texas Instruments AMC1200TDWVRQ1 Datasheet HTML 4Page - Texas Instruments AMC1200TDWVRQ1 Datasheet HTML 5Page - Texas Instruments AMC1200TDWVRQ1 Datasheet HTML 6Page - Texas Instruments AMC1200TDWVRQ1 Datasheet HTML 7Page - Texas Instruments AMC1200TDWVRQ1 Datasheet HTML 8Page - Texas Instruments AMC1200TDWVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
AMC1200-Q1
SBAS585A – SEPTEMBER 2012 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: AMC1200-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VDD1 to GND1 or VDD2 to GND2
–0.5
6
V
Input voltage
VINP, VINN
GND1 – 0.5
VDD1 + 0.5
V
Input current
VINP, VINN, VOUTP, VOUTN
–10
10
mA
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC-Q100, Classification Level H2(1)
±2500
V
Charged-device model (CDM), per AEC-Q100, Classification Level C3B(2)
±1000
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD1
High-side supply voltage
4.5
5
5.5
V
VDD2
Low-side supply voltage
2.7
5
5.5
V
VVINP, VVINN
Absolute input voltage
GND1 – 0.32
VDD1 + 0.16
V
VIN
Differential input voltage
VVINP – VVINN
–250
250
mV
VCM
Common-mode input voltage
(VVINP + VVIN) / 2
GND1 – 0.16
VDD1
V
TA
Operating ambient temperature
–40
25
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
AMC1200-Q1
UNIT
DUB (SOP)
DWV (SOIC)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
75.1
102.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.6
49.8
°C/W
RθJB
Junction-to-board thermal resistance
39.8
56.6
°C/W
ψJT
Junction-to-top characterization parameter
27.2
16
°C/W
ψJB
Junction-to-board characterization parameter
39.4
55.2
°C/W


Similar Part No. - AMC1200TDWVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
AMC1200 TI-AMC1200 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200B TI-AMC1200B Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
More results

Similar Description - AMC1200TDWVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com