Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV421RTJT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV421RTJT
Description  Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV421RTJT Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV421RTJT Datasheet HTML 2Page - Texas Instruments DRV421RTJT Datasheet HTML 3Page - Texas Instruments DRV421RTJT Datasheet HTML 4Page - Texas Instruments DRV421RTJT Datasheet HTML 5Page - Texas Instruments DRV421RTJT Datasheet HTML 6Page - Texas Instruments DRV421RTJT Datasheet HTML 7Page - Texas Instruments DRV421RTJT Datasheet HTML 8Page - Texas Instruments DRV421RTJT Datasheet HTML 9Page - Texas Instruments DRV421RTJT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
DRV421
SBOS704B – MAY 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: DRV421
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
All minimum and maximum specifications at TA = +25°C, VDD = 3.0 V to 5.5 V, and ICOMP1 = ICOMP2 = 0 mA (unless otherwise
noted). Typical values are at VDD = 5.0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
VREFOUT
Reference output voltage at pin REFOUT
RSEL[1:0] = 00, no load
2.45
2.5
2.55
V
RSEL[1:0] = 01, no load
1.6
1.65
1.7
RSEL[1:0] = 1x, no load
45
50
55
% of VDD
Reference output voltage drift
RSEL[1:0] = 00, 01
–50
±10
50
ppm/°C
Voltage divider gain error drift
RSEL[1:0] = 1x
–50
±10
50
ppm/°C
PSRRREF
Power-supply rejection ratio
RSEL[1:0] = 00, 01
–300
±15
300
µV/V
Load regulation
RSEL[1:0] = 0x, load to GND or VDD,
ΔILOAD = 0 mA to 5 mA, TA = –40°C to +125°C
0.15
0.35
mV/mA
RSEL[1:0] = 1x, load to GND or VDD,
ΔILOAD = 0 mA to 5 mA, TA = –40°C to +125°C
0.3
0.8
ISC
Short-circuit current
REFOUT connected to VDD
20
mA
REFOUT connected to GND
–18
DIGITAL INPUTS/OUTPUTS
Logic Inputs (CMOS)
VIH
High-level input voltage
TA = –40°C to +125°C
0.7 × VDD
VDD + 0.3
V
VIL
Low-level input voltage
TA = –40°C to +125°C
–0.3
0.3 × VDD
V
Input leakage current
0.01
µA
Logic Outputs (Open-Drain)
VOH
High-level output voltage
Set by external pull-up resistor
V
VOL
Low-level output voltage
4-mA sink
0.3
V
POWER SUPPLY
IQ
Quiescent current
IICOMP1 = IICOMP2 = 0 mA, 3.0 V ≤ VDD ≤ 3.6 V,
TA = –40°C to +125°C
6.5
9
mA
IICOMP1 = IICOMP2 = 0 mA, 4.5 V ≤ VDD ≤ 5.5 V,
TA = –40°C to +125°C
8.1
11
VRST
Power-on reset threshold
2.4
V


Similar Part No. - DRV421RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV421 TI-DRV421 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results

Similar Description - DRV421RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com