Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5013ADQLPG Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5013ADQLPG
Description  Digital-Latch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5013ADQLPG Datasheet(HTML) 1 Page - Texas Instruments

  DRV5013ADQLPG Datasheet HTML 1Page - Texas Instruments DRV5013ADQLPG Datasheet HTML 2Page - Texas Instruments DRV5013ADQLPG Datasheet HTML 3Page - Texas Instruments DRV5013ADQLPG Datasheet HTML 4Page - Texas Instruments DRV5013ADQLPG Datasheet HTML 5Page - Texas Instruments DRV5013ADQLPG Datasheet HTML 6Page - Texas Instruments DRV5013ADQLPG Datasheet HTML 7Page - Texas Instruments DRV5013ADQLPG Datasheet HTML 8Page - Texas Instruments DRV5013ADQLPG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
B (mT)
OUT
BOP
(South)
BRP
(North)
BOF
Bhys
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV5013
SLIS150E – MARCH 2014 – REVISED FEBRUARY 2016
DRV5013 Digital-Latch Hall Effect Sensor
1
1 Features
1
Digital Bipolar-Latch Hall Sensor
Superior Temperature Stability
BOP ±10% Over Temperature
Multiple Sensitivity Options (BOP / BRP)
1.3 / –1.3 mT (FA, see Figure 23)
2.7 / –2.7 mT (AD, see Figure 23)
6 / –6 mT (AG, see Figure 23)
12 / –12 mT (BC, see Figure 23)
Supports a Wide Voltage Range
2.5 to 38 V
No External Regulator Required
Wide Operating Temperature Range
TA = –40 to 125°C (Q, see Figure 23)
Open-Drain Output (30-mA Sink)
Fast 35-µs Power-On Time
Small Package and Footprint
Surface Mount 3-Pin SOT-23 (DBZ)
2.92 mm × 2.37 mm
Through-Hole 3-Pin TO-92 (LPG)
4.00 mm × 3.15 mm
Protection Features
Reverse Supply Protection (up to –22 V)
Supports up to 40-V Load Dump
Output Short-Circuit Protection
Output Current Limitation
2 Applications
Power Tools
Flow Meters
Valve and Solenoid Status
Brushless DC Motors
Proximity Sensing
Tachometers
3 Description
The DRV5013 device is a chopper-stabilized Hall
Effect Sensor that offers a magnetic sensing solution
with superior sensitivity stability over temperature and
integrated protection features.
The magnetic field is indicated via a digital bipolar
latch output. The IC has an open-drain output stage
with 30-mA current sink capability. A wide operating
voltage range from 2.5 to 38 V with reverse polarity
protection up to –22 V makes the device suitable for
a wide range of industrial applications.
Internal protection functions are provided for reverse
supply conditions, load dump, and output short circuit
or over current.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV5013
SOT-23 (3)
2.92 mm × 1.30 mm
TO-92 (3)
4.00 mm × 3.15 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Output State
SOT-23
TO-92


Similar Part No. - DRV5013ADQLPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013ADQLPG TI1-DRV5013ADQLPG Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013ADQLPGM TI1-DRV5013ADQLPGM Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013ADQLPGMQ1 TI1-DRV5013ADQLPGMQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5013ADQLPGMQ1 TI1-DRV5013ADQLPGMQ1 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5013ADQLPGQ1 TI1-DRV5013ADQLPGQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
More results

Similar Description - DRV5013ADQLPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011_V01 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com