Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV5023-Q1
Description  Automotive Digital-Switch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5023-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV5023-Q1_16 Datasheet HTML 4Page - Texas Instruments DRV5023-Q1_16 Datasheet HTML 5Page - Texas Instruments DRV5023-Q1_16 Datasheet HTML 6Page - Texas Instruments DRV5023-Q1_16 Datasheet HTML 7Page - Texas Instruments DRV5023-Q1_16 Datasheet HTML 8Page - Texas Instruments DRV5023-Q1_16 Datasheet HTML 9Page - Texas Instruments DRV5023-Q1_16 Datasheet HTML 10Page - Texas Instruments DRV5023-Q1_16 Datasheet HTML 11Page - Texas Instruments DRV5023-Q1_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Temperature
Compensation
Bias
+
±
Regulated Supply
Reference
Gate
Drive
OCP
VCC
OUT
GND
2.7 to 38 V
R1
C2
(Optional)
C1
Hall Element
8
DRV5023-Q1
SLIS163C – DECEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV5023-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DRV5023-Q1 device is a chopper-stabilized Hall sensor with a digital output for magnetic sensing
applications. The DRV5023-Q1 device can be powered with a supply voltage between 2.7 and 38 V, and will
survive –22 V reverse-battery conditions. The DRV5023-Q1 device does not operate when –22 to 2.4 V is
applied to the VCC pin (with respect to GND pin). In addition, the device can withstand supply voltages up to 40 V
for transient durations.
The field polarity is defined as follows: a south pole near the marked side of the package is a positive magnetic
field. A north pole near the marked side of the package is a negative magnetic field. The output state is
dependent on the magnetic field perpendicular to the package.
For the FA, AJ, and BI device versions, a strong south pole near the marked side of the package causes the
output to pull low, and the absence of a field makes the output high-impedance. The FI device version has a
voltage inverter on the output, where a strong south pole causes the output to be high-impedance, and the
absence of a field makes the output pull low. Hysteresis is included in between the operate point and the release
point to prevent toggling near the magnetic threshold.
An external pullup resistor is required on the OUT pin. The OUT pin can be pulled up to VCC, or to a different
voltage supply. This allows for easier interfacing with controller circuits.
7.2 Functional Block Diagram


Similar Part No. - DRV5023-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5023-Q1 TI-DRV5023-Q1_15 Datasheet
966Kb / 26P
[Old version datasheet]   DRV5023-Q1 Automotive Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5023-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5023-Q1 TI-DRV5023-Q1_15 Datasheet
966Kb / 26P
[Old version datasheet]   DRV5023-Q1 Automotive Digital-Switch Hall Effect Sensor
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
DRV5021-Q1 TI1-DRV5021-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive, low-voltage, unipolar, digital-switch hall effect sensor
DRV5033-Q1 TI-DRV5033-Q1_15 Datasheet
967Kb / 26P
[Old version datasheet]   DRV5033-Q1 Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5023 TI-DRV5023_15 Datasheet
963Kb / 26P
[Old version datasheet]   DRV5023 Digital-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com