Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQ172-4SA-CV Datasheet(PDF) 2 Page - Hirose Electric

Part # MQ172-4SA-CV
Description  Micro-Miniature Interface Connectors For Power Supply/Signaling
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MQ172-4SA-CV Datasheet(HTML) 2 Page - Hirose Electric

  MQ172-4SA-CV Datasheet HTML 1Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 2Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 3Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 4Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 5Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 6Page - Hirose Electric MQ172-4SA-CV Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
sProduct Specifications
1. Insulation resistance
2. Voltage resistance
3. Contact resistance
4. Vibration
resistance
6. Temperature cycle
7. Plugging/ unplugging life
5. Humidity
resistance
8. Heat resistance of
soldering
RATINGS
Rated Current: 3A (Note.1)
Rated Voltage: DC 30V or less
AC 40V or less
Applicable Temperature Range:
-30ç - +75ç
Should be measured at DC 100V.
Should be powered at AC 250V for 1 minute.
Measured at 10mA.
10~55Hz, one-sided amplitude 0.75mm, 3
directions for 2 hours, respectively
Leave under the condition of 40±2ç in temperature
and of 90-95% in humidity for 96 hours.
(-55ç: 30 minutes¡15-35ç:max. 5 minutes¡85ç:
30 minutes¡ 15-35ç:max. 5 minutes) 5 cycles
5,000 times
reflow: at recommended temp. profile
Temperature of soldering iron:
350ç3 sec.
manual soldering
(receptacle and
plug)
SMT type
1000Mø or more
No flashover/dielectric Breakdown
30mø or less
No instantaneous electric
Disconnection of 1µsec or more
Contact resistance: 50mø or less
Insulation resistance: 1000Mø or more
Contact resistance: 50mø or less
Contact resistance: 50mø or less
Insulation resistance: 10Mø or more
No fusion of resin section affecting performance
DESCRIPTION
SPECIFICATIONS
REQUIREMENTS
(Note.1) For 4-contact type, rated current is 2A, or 3A for optional 2 terminals and 0.5A for other 2 terminals.
(Note.2) Above-stated specifications are typical of this series. For respective formal contract, please refer to "Delivery
Specifications".
Parts
Dielectric
Cover case(plug)
Metal fittings(receptacle)
Lock case(plug)
Terminal
Synthetic resin
Synthetic resin
Stainless steel
Stainless steel
Phosphor
bronze
Black color
Engagement area...Gold plating of 0.2
Lead section...Solder-plating
Black color
UL94V-0
UL94V-0
Material
Processing
Remarks
sMaterial Quality
sProduct Number Configuration
This is available for you to determine the product specifications from its format.
When ordering, please select any one among all formats shown in page 3-4 of this catalog.
MQ172 X - 4 P A (11)
1
2
3
4
5
6
MQ172 X - 4 S A - CV
1
2
3
4
5
7
Series name: MQ172
Series configuration symbol: none...unshielded type
X ...shielded type
Number of contacts: 3, 4
Connector type: P...receptacle
S...plug
Key type symbol: A (only for A type)
Packing type: none...tray-based packing
(11)...embossed tape packing
Cover case type: CV...standard product (color: black)
1
2
5
3
4
6
7
qRECEPTACLE
qPLUG


Similar Part No. - MQ172-4SA-CV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MQ172-4SA-CV HIROSE-MQ172-4SA-CV Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
More results

Similar Description - MQ172-4SA-CV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
DF5 HIROSE-DF5 Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
C4650 HIROSE-C4650 Datasheet
612Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
List of Unclassifed Man...
ST40X-36S-CV ETC2-ST40X-36S-CV Datasheet
614Kb / 12P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Hirose Electric
ST60-18P4 HIROSE-ST60-18P4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
DDK Ltd.
MMCX DDK-MMCX Datasheet
709Kb / 5P
   Micro-Miniature Coaxial Connectors
MMCX-SP-178BU-CR1 DDK-MMCX-SP-178BU-CR1 Datasheet
710Kb / 5P
   Micro-Miniature Coaxial Connectors
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com