Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDC1000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HDC1000
Description  Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HDC1000 Datasheet(HTML) 1 Page - Texas Instruments

  HDC1000 Datasheet HTML 1Page - Texas Instruments HDC1000 Datasheet HTML 2Page - Texas Instruments HDC1000 Datasheet HTML 3Page - Texas Instruments HDC1000 Datasheet HTML 4Page - Texas Instruments HDC1000 Datasheet HTML 5Page - Texas Instruments HDC1000 Datasheet HTML 6Page - Texas Instruments HDC1000 Datasheet HTML 7Page - Texas Instruments HDC1000 Datasheet HTML 8Page - Texas Instruments HDC1000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
GND
MCU
I
2C
Peripheral
3.3V
ADC
TEMPERATURE
RH
I
2C
Registers
+
Logic
HDC1000
SDA
SCL
DRDYn
ADR0
OTP
Calibration Coefficients
ADR1
VDD
GND
3.3V
VDD
GPIO
3.3V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
HDC1000
SNAS643C – JULY 2014 – REVISED JANUARY 2016
HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
1
1 Features
1
Relative Humidity (RH) Operating Range 0% to
100%
14 Bit Measurement Resolution
Relative Humidity Accuracy ±3%
Temperature Accuracy ±0.2 °C
200 nA Sleep Mode Current
Average Supply Current:
820 nA @ 1sps, 11 bit RH Measurement
1.2 µA @ 1sps, 11 bit RH and Temperature
Measurement
Supply Voltage 3 V to 5 V
Tiny 2 mm x 1.6 mm Device Footprint
I2C Interface
2 Applications
HVAC
Smart Thermostats and Room Monitors
White Goods
Printers
Handheld Meters
Medical Devices
Cargo Shipping
Automotive Windshield Defog
Wearable Devices
Mobile Devices
3 Description
The HDC1000 is a digital humidity sensor with
integrated temperature sensor that provides excellent
measurement accuracy at very low power. The
device
measures
humidity
based
on
a
novel
capacitive sensor. The humidity and temperature
sensors
are
factory
calibrated.
The
innovative
WLCSP (Wafer Level Chip Scale Package) simplifies
board design with the use of an ultra-compact
package. The sensing element of the HDC1000 is
placed on the bottom part of the device, which makes
the HDC1000 more robust against dirt, dust, and
other environmental contaminants. The HDC1000 is
functional within the full -40°C to +125°C temperature
range.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HDC1000
DSBGA (8-bump)
YPA
2.04 mm x 1.59 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application


Similar Part No. - HDC1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results

Similar Description - HDC1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
[Old version datasheet]   Low Power High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
[Old version datasheet]   HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com