Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDC1080DMBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HDC1080DMBT
Description  Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HDC1080DMBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button HDC1080DMBT Datasheet HTML 3Page - Texas Instruments HDC1080DMBT Datasheet HTML 4Page - Texas Instruments HDC1080DMBT Datasheet HTML 5Page - Texas Instruments HDC1080DMBT Datasheet HTML 6Page - Texas Instruments HDC1080DMBT Datasheet HTML 7Page - Texas Instruments HDC1080DMBT Datasheet HTML 8Page - Texas Instruments HDC1080DMBT Datasheet HTML 9Page - Texas Instruments HDC1080DMBT Datasheet HTML 10Page - Texas Instruments HDC1080DMBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Vdd (V)
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5
100
125
150
175
200
225
250
275
300
T= -20°C
T= 25°C
T= 40°C
T= 85°C
T= 125°C
Temp (°C)
0
25
50
75
100
125
100
125
150
175
200
225
250
275
300
Vdd=2.7V
Vdd=3V
Vdd=3.3V
Vdd=5V
Vdd (V)
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5
100
125
150
175
200
225
250
275
300
T= -20°C
T= 25°C
T= 40°C
T= 85°C
T= 125°C
Temp (°C)
0
25
50
75
100
125
100
125
150
175
200
225
250
275
300
Vdd=2.7V
Vdd=3V
Vdd=3.3V
Vdd=5V
RH (%)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
D001
Typical
Temp (°C)
-40
-25
-10
5
20
35
50
65
80
95
110
125
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Typical
HDC1080
www.ti.com
SNAS672A – NOVEMBER 2015 – REVISED JANUARY 2016
7.8 Typical Characteristics
Unless otherwise noted. TA = 30°C, VDD = 3V.
Figure 2. RH Accuracy vs. RH
Figure 3. Temperature Accuracy vs. Temperature
Figure 4. Supply Current vs. Supply Voltage, RH
Figure 5. Supply Current vs. Temperature, RH Measurement
Measurement Active
Active
Figure 6. Supply Current vs. Supply Voltage, Temp
Figure 7. Supply Current vs. Temperature, Temp
Measurement Active
Measurement Active
Copyright © 2015–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: HDC1080


Similar Part No. - HDC1080DMBT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HDC10 MSYSTEM-HDC10 Datasheet
93Kb / 1P
   DC POWER SUPPLY
logo
Texas Instruments
HDC1000 TI1-HDC1000 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000YPAR TI1-HDC1000YPAR Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000YPAT TI1-HDC1000YPAT Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results

Similar Description - HDC1080DMBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
[Old version datasheet]   Low Power High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
[Old version datasheet]   HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com