Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023BIEDBZTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5023BIEDBZTQ1
Description  Automotive Digital-Switch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5023BIEDBZTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  DRV5023BIEDBZTQ1 Datasheet HTML 1Page - Texas Instruments DRV5023BIEDBZTQ1 Datasheet HTML 2Page - Texas Instruments DRV5023BIEDBZTQ1 Datasheet HTML 3Page - Texas Instruments DRV5023BIEDBZTQ1 Datasheet HTML 4Page - Texas Instruments DRV5023BIEDBZTQ1 Datasheet HTML 5Page - Texas Instruments DRV5023BIEDBZTQ1 Datasheet HTML 6Page - Texas Instruments DRV5023BIEDBZTQ1 Datasheet HTML 7Page - Texas Instruments DRV5023BIEDBZTQ1 Datasheet HTML 8Page - Texas Instruments DRV5023BIEDBZTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
B (mT)
OUT
BOP
BRP
BOF
Bhys
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV5023-Q1
SLIS163C – DECEMBER 2014 – REVISED FEBRUARY 2016
DRV5023-Q1 Automotive Digital-Switch Hall Effect Sensor
1
1 Features
1
Digital Unipolar-Switch Hall Sensor
AEC-Q100 Qualified for Automotive Applications
Grade 1: TA = –40 to 125°C (Q, See
Figure 23)
Grade 0: TA = –40 to 150°C (E, See Figure 23)
Inverse Output Option (FI)
Superior Temperature Stability
Sensitivity ±10% Over Temperature
Multiple Sensitivity Options (BOP / BRP):
3.5 / 2 mT (FA, FI, see Figure 23)
6.9 / 3.2 mT (AJ, see Figure 23)
14.5 / 6 mT (BI, see Figure 23)
Supports a Wide Voltage Range
2.7 to 38 V
No External Regulator Required
Open Drain Output (30-mA Sink)
Fast 35-µs Power-On Time
Small Package and Footprint
Surface Mount 3-Pin SOT-23 (DBZ)
2.92 mm × 2.37 mm
Through-Hole 3-Pin TO-92 (LPG)
4.00 mm × 3.15 mm
Protection Features
Reverse Supply Protection (up to –22 V)
Supports up to 40-V Load Dump
Output Short-Circuit Protection
Output Current Limitation
OUT Short to Battery Protection
2 Applications
Docking Detection
Door Open and Close Detection
Proximity Sensing
Valve Positioning
Pulse Counting
3 Description
The DRV5023-Q1 device is a chopper-stabilized Hall
Effect Sensor that offers a magnetic sensing solution
with superior sensitivity stability over temperature and
integrated protection features.
When the applied magnetic flux density exceeds the
BOP threshold, the DRV5023-Q1 open-drain output
goes low. The output stays low until the field
decreases to less than BRP, and then the output goes
to high impedance. The output current sink capability
is 30 mA. A wide operating voltage range from 2.7 to
38 V with reverse polarity protection up to –22 V
makes the device suitable for a wide range of
automotive applications.
Internal protection functions are provided for reverse
supply conditions, load dump, and output short circuit
or over current.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV5023-Q1
SOT-23 (3)
2.92 mm × 1.30 mm
TO-92 (3)
4.00 mm × 3.15 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Output State
SOT-23
TO-92


Similar Part No. - DRV5023BIEDBZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5023BIQDBZR TI1-DRV5023BIQDBZR Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
DRV5023BIQDBZT TI1-DRV5023BIQDBZT Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
DRV5023BIQLPG TI1-DRV5023BIQLPG Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
DRV5023BIQLPGM TI1-DRV5023BIQLPGM Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5023BIEDBZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5023-Q1 TI-DRV5023-Q1_15 Datasheet
966Kb / 26P
[Old version datasheet]   DRV5023-Q1 Automotive Digital-Switch Hall Effect Sensor
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
DRV5021-Q1 TI1-DRV5021-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive, low-voltage, unipolar, digital-switch hall effect sensor
DRV5033-Q1 TI-DRV5033-Q1_15 Datasheet
967Kb / 26P
[Old version datasheet]   DRV5033-Q1 Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5023 TI-DRV5023_15 Datasheet
963Kb / 26P
[Old version datasheet]   DRV5023 Digital-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com