Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5053CAQLPGQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5053CAQLPGQ1
Description  Automotive Analog-Bipolar Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5053CAQLPGQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV5053CAQLPGQ1 Datasheet HTML 7Page - Texas Instruments DRV5053CAQLPGQ1 Datasheet HTML 8Page - Texas Instruments DRV5053CAQLPGQ1 Datasheet HTML 9Page - Texas Instruments DRV5053CAQLPGQ1 Datasheet HTML 10Page - Texas Instruments DRV5053CAQLPGQ1 Datasheet HTML 11Page - Texas Instruments DRV5053CAQLPGQ1 Datasheet HTML 12Page - Texas Instruments DRV5053CAQLPGQ1 Datasheet HTML 13Page - Texas Instruments DRV5053CAQLPGQ1 Datasheet HTML 14Page - Texas Instruments DRV5053CAQLPGQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DRV5053-Q1
www.ti.com
SLIS154A – DECEMBER 2014 – REVISED DECEMBER 2015
Feature Description (continued)
7.3.4 Output Stage
The DRV5053-Q1 output stage is capable of up to 300-
μA of current source or 2.3-mA sink. For proper
operation, ensure that equivalent output load ROUT > 10 kΩ.
The capacitive load directly present on the OUT pin should be less than 10 nF to ensure the internal operational
amplifier is stable. If an external RC filter is added to reduce noise, it is acceptable to use a resistor
≥ 200 Ω with
a capacitor
≤0.1 µF. For an application example, see Filtered Typical Application.
7.3.5 Protection Circuits
An analog current limit circuit limits the current through the output driver. The driver current will be clamped to
IOCP
7.3.5.1 Overcurrent Protection (OCP)
An analog current-limit circuit limits the current through the FET. The driver current is clamped to IOCP. During
this clamping, the rDS(on) of the output FET is increased from the nominal value.
7.3.5.2 Load Dump Protection
The DRV5053-Q1 device operates at DC VCC conditions up to 38 V nominally, and can additionally withstand
VCC = 40 V. No current-limiting series resistor is required for this protection.
7.3.5.3 Reverse Supply Protection
The DRV5053-Q1 device is protected in the event that the VCC pin and the GND pin are reversed (up to –22 V).
NOTE
In a reverse supply condition, the OUT pin reverse-current must not exceed the ratings
specified in the Absolute Maximum Ratings.
Table 1.
FAULT
CONDITION
DEVICE
DESCRIPTION
RECOVERY
FET overload (OCP)
ISINK ≥ IOCP
Operating
Output current is clamped to IOCP
IO < IOCP
Load Dump
38 V < VCC < 40 V
Operating
Device will operate for a transient duration
VCC ≤ 38 V
Reverse Supply
–22 V < VCC < 0 V
Disabled
Device will survive this condition
VCC ≥ 2.7 V
7.4 Device Functional Modes
The DRV5053-Q1 device is active only when VCC is between 2.7 and 38 V.
When a reverse supply condition exists, the device is inactive.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV5053-Q1


Similar Part No. - DRV5053CAQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053CAQLPG TI1-DRV5053CAQLPG Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053CAQLPGM TI1-DRV5053CAQLPGM Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
More results

Similar Description - DRV5053CAQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053 TI1-DRV5053 Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053 TI-DRV5053_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com