Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC1312QDNTRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1312QDNTRQ1
Description  Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1312QDNTRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LDC1312QDNTRQ1 Datasheet HTML 3Page - Texas Instruments LDC1312QDNTRQ1 Datasheet HTML 4Page - Texas Instruments LDC1312QDNTRQ1 Datasheet HTML 5Page - Texas Instruments LDC1312QDNTRQ1 Datasheet HTML 6Page - Texas Instruments LDC1312QDNTRQ1 Datasheet HTML 7Page - Texas Instruments LDC1312QDNTRQ1 Datasheet HTML 8Page - Texas Instruments LDC1312QDNTRQ1 Datasheet HTML 9Page - Texas Instruments LDC1312QDNTRQ1 Datasheet HTML 10Page - Texas Instruments LDC1312QDNTRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
SCL
SDA
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
tBUF
7
LDC1312-Q1, LDC1314-Q1
www.ti.com
SNOSCZ6 – APRIL 2016
Product Folder Links: LDC1312-Q1 LDC1314-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Timing Characteristics
MIN
NOM
MAX
UNIT
tWAKEUP
Wake-up Time from SD high-low transition to I2C readback
2
ms
tWD-TIMEOUT
Sensor recovery time (after watchdog timeout)
5.2
ms
(1)
This parameter is specified by design and/or characterization and is not tested in production.
7.7 Switching Characteristics - I2C
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE LEVELS
VIH
Input High Voltage
0.7
ˣVDD
V
VIL
Input Low Voltage
0.3
ˣVDD
V
VOL
Output Low Voltage (3mA sink
current)
0.4
V
HYS
Hysteresis
0.1
ˣVDD
V
I2C TIMING CHARACTERISTICS
fSCL
Clock Frequency
10
400
kHz
tLOW
Clock Low Time
1.3
μs
tHIGH
Clock High Time
0.6
μs
tHD;STA
Hold Time (repeated) START
condition
After this period, the first clock
pulse is generated
0.6
μs
tSU;STA
Set-up time for a repeated START
condition
0.6
μs
tHD;DAT
Data hold time
0
μs
tSU;DAT
Data setup time
100
ns
tSU;STO
Set-up time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP
and START condition
1.3
μs
tVD;DAT
Data valid time
0.9
μs
tVD;ACK
Data valid acknowledge time
0.9
μs
tSP
Pulse width of spikes that must be
suppressed by the input filter(1)
50
ns
Figure 1. I2C Timing


Similar Part No. - LDC1312QDNTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1312QDNTRQ1 TI1-LDC1312QDNTRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
More results

Similar Description - LDC1312QDNTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312 TI1-LDC1312 Datasheet
1Mb / 57P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312 TI-LDC1312_15 Datasheet
1Mb / 57P
[Old version datasheet]   LDC1312, LDC1314 Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI-LDC1612_15 Datasheet
1Mb / 58P
[Old version datasheet]   LDC1612, LDC1614 Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com