Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023BIQLPGQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5023BIQLPGQ1
Description  Automotive Digital-Switch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5023BIQLPGQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV5023BIQLPGQ1 Datasheet HTML 7Page - Texas Instruments DRV5023BIQLPGQ1 Datasheet HTML 8Page - Texas Instruments DRV5023BIQLPGQ1 Datasheet HTML 9Page - Texas Instruments DRV5023BIQLPGQ1 Datasheet HTML 10Page - Texas Instruments DRV5023BIQLPGQ1 Datasheet HTML 11Page - Texas Instruments DRV5023BIQLPGQ1 Datasheet HTML 12Page - Texas Instruments DRV5023BIQLPGQ1 Datasheet HTML 13Page - Texas Instruments DRV5023BIQLPGQ1 Datasheet HTML 14Page - Texas Instruments DRV5023BIQLPGQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VCC
BOP
BRP
t (s)
B (mT)
t (s)
t (s)
OUT
Valid Output
td
ton
11
DRV5023-Q1
www.ti.com
SLIS163C – DECEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: DRV5023-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
If the device is powered on with the magnetic field strength BRP < B < BOP, then the device output is
indeterminate and can either be Hi-Z or pulled low. During the power-up sequence, the output is held Hi-Z until
ton has elapsed. At the end of ton, a pulse is given on the OUT pin to indicate that ton has elapsed. After ton, if the
magnetic field changes such that BOP < B, the output is released. Case 3 (Figure 15) and Case 4 (Figure 16)
show examples of this behavior.
Figure 15. Case 3: Power On When BRP < B < BOP, Followed by B > BOP


Similar Part No. - DRV5023BIQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5023BIQLPG TI1-DRV5023BIQLPG Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
DRV5023BIQLPGM TI1-DRV5023BIQLPGM Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5023BIQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5023-Q1 TI-DRV5023-Q1_15 Datasheet
966Kb / 26P
[Old version datasheet]   DRV5023-Q1 Automotive Digital-Switch Hall Effect Sensor
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
DRV5021-Q1 TI1-DRV5021-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive, low-voltage, unipolar, digital-switch hall effect sensor
DRV5033-Q1 TI-DRV5033-Q1_15 Datasheet
967Kb / 26P
[Old version datasheet]   DRV5033-Q1 Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5023 TI-DRV5023_15 Datasheet
963Kb / 26P
[Old version datasheet]   DRV5023 Digital-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com