Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5013BCELPGMQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5013BCELPGMQ1
Description  Automotive Digital-Latch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5013BCELPGMQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV5013BCELPGMQ1 Datasheet HTML 6Page - Texas Instruments DRV5013BCELPGMQ1 Datasheet HTML 7Page - Texas Instruments DRV5013BCELPGMQ1 Datasheet HTML 8Page - Texas Instruments DRV5013BCELPGMQ1 Datasheet HTML 9Page - Texas Instruments DRV5013BCELPGMQ1 Datasheet HTML 10Page - Texas Instruments DRV5013BCELPGMQ1 Datasheet HTML 11Page - Texas Instruments DRV5013BCELPGMQ1 Datasheet HTML 12Page - Texas Instruments DRV5013BCELPGMQ1 Datasheet HTML 13Page - Texas Instruments DRV5013BCELPGMQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
VCC
BOP
BRP
t (s)
B (mT)
t (s)
OUT
t (s)
Valid Output
ton
VCC
BOP
BRP
t (s)
B (mT)
t (s)
t (s)
OUT
Valid Output
ton
10
DRV5013-Q1
SLIS162B – DECEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV5013-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Power-On Time
After applying VCC to the DRV5013-Q1 device, ton must elapse before the OUT pin is valid. During the power-up
sequence, the output is Hi-Z. A pulse as shown in Figure 13 and Figure 14 occurs at the end of ton. This pulse
can allow the host processor to determine when the DRV5013-Q1 output is valid after startup. In Case 1
(Figure 13) and Case 2 (Figure 14), the output is defined assuming a constant magnetic field B > BOP and B <
BRP.
Figure 13. Case 1: Power On When B > BOP
Figure 14. Case 2: Power On When B < BRP


Similar Part No. - DRV5013BCELPGMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013BCELPGMQ1 TI1-DRV5013BCELPGMQ1 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
More results

Similar Description - DRV5013BCELPGMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
[Old version datasheet]   Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com