Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS49NLS18320A Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS49NLS18320A
Description  8 internal banks
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS49NLS18320A Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS49NLS18320A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS49NLS18320A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS49NLS18320A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS49NLS18320A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS49NLS18320A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS49NLS18320A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS49NLS18320A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS49NLS18320A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS49NLS18320A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
IS49NLS96400A, IS49NLS18320A
Integrated Silicon Solution, Inc.
– www.issi.com –
Rev. 00A, 9/10/2014
1
576Mb (64Mbx9, 32Mbx18)
Seperate I/O RLDRAM
2 Memory
FEATURES
533MHz DDR operation (1.067 Gb/s/pin data rate)
38.4Gb/s peak bandwidth (x18 at 533 MHz clock
frequency)
Reduced cycle time (15ns at 533MHz)
32ms refresh (16K refresh for each bank; 128K
refresh command must be issued in total each
32ms)
8 internal banks
Non-multiplexed addresses (address
multiplexing option available)
SRAM-type interface
Programmable READ latency (RL), row cycle
time, and burst sequence length
Balanced READ and WRITE latencies in order
to optimize data bus utilization
Data mask signals (DM) to mask signal of
WRITE data; DM is sampled on both edges of
DK.
Differential input clocks (CK, CK#)
Differential input data clocks (DKx, DKx#)
On-die DLL generates CK edge-aligned data
and output data clock signals
Data valid signal (QVLD)
HSTL I/O (1.5V or 1.8V nominal)
25-60
Ω matched impedance outputs
2.5V VEXT, 1.8V VDD, 1.5V or 1.8V VDDQ I/O
On-die termination (ODT) RTT
IEEE 1149.1 compliant JTAG boundary scan
Operating temperature:
Commercial
(TC = 0° to +95°C)
Industrial
(TC = -40°C to +95°C; TA = -40°C to +85°C)
OPTIONS
Package:
144-ball FBGA (leaded)
144-ball FBGA (lead-free)
Configuration:
64Mx9
32Mx18
Clock Cycle Timing:
Speed Grade
-18
-25E
-25
-33
Unit
tRC
15
15
20
20
ns
tCK
1.875
2.5
2.5
3.3
ns
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at
any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein.
Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for
products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the
product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not
authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
RLDRAM
is a registered trademark of Micron Technology, Inc.
ADVANCED INFORMATION
SEPTEMBER 2014


Similar Part No. - IS49NLS18320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLS18320 ISSI-IS49NLS18320 Datasheet
575Kb / 34P
   576Mb (x9, x18) Separate I/O RLDRAM??2 Memory
More results

Similar Description - IS49NLS18320A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
2GB-AUTO-AS4C256M8D3 ALSC-2GB-AUTO-AS4C256M8D3 Datasheet
2Mb / 82P
   8 internal banks for concurrent operation
1GB-DDR3L-AS4C128M8D3L ALSC-1GB-DDR3L-AS4C128M8D3L Datasheet
3Mb / 88P
   internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR32400G ISSI-IS43LR32400G Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C128M16D3LB-12BCN ALSC-AS4C128M16D3LB-12BCN Datasheet
3Mb / 45P
   Eight internal banks for concurrent operation
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
AS4C16M32MD1 ALSC-AS4C16M32MD1 Datasheet
2Mb / 58P
   Four internal banks for concurrent operation
AS4C256M16D3LB-12BCN ALSC-AS4C256M16D3LB-12BCN Datasheet
1Mb / 46P
   Eight internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR16400C ISSI-IS43LR16400C Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R16400B ISSI-IS43R16400B Datasheet
4Mb / 57P
   Four internal banks for concurrent operation
IS43LR16640A ISSI-IS43LR16640A Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com