Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12041CIMSAX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12041CIMSAX
Description  12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12041CIMSAX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC12041CIMSAX Datasheet HTML 5Page - National Semiconductor (TI) ADC12041CIMSAX Datasheet HTML 6Page - National Semiconductor (TI) ADC12041CIMSAX Datasheet HTML 7Page - National Semiconductor (TI) ADC12041CIMSAX Datasheet HTML 8Page - National Semiconductor (TI) ADC12041CIMSAX Datasheet HTML 9Page - National Semiconductor (TI) ADC12041CIMSAX Datasheet HTML 10Page - National Semiconductor (TI) ADC12041CIMSAX Datasheet HTML 11Page - National Semiconductor (TI) ADC12041CIMSAX Datasheet HTML 12Page - National Semiconductor (TI) ADC12041CIMSAX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Electrical Characteristics (Continued)
DS012441-6
FIGURE 2. Output Digital Code vs the Operating Input Voltage Range for V
REF = 4.096V
DS012441-7
FIGURE 3. V
REF Operating Range (General Case)
www.national.com
9


Similar Part No. - ADC12041CIMSAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12041CIMSAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048 Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048 TI1-ADC12048_14 Datasheet
1Mb / 37P
[Old version datasheet]   ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Texas Instruments
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com