Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMCX-J-SMT Datasheet(PDF) 8 Page - Hirose Electric

Part # MMCX-J-SMT
Description  Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MMCX-J-SMT Datasheet(HTML) 8 Page - Hirose Electric

  MMCX-J-SMT Datasheet HTML 1Page - Hirose Electric MMCX-J-SMT Datasheet HTML 2Page - Hirose Electric MMCX-J-SMT Datasheet HTML 3Page - Hirose Electric MMCX-J-SMT Datasheet HTML 4Page - Hirose Electric MMCX-J-SMT Datasheet HTML 5Page - Hirose Electric MMCX-J-SMT Datasheet HTML 6Page - Hirose Electric MMCX-J-SMT Datasheet HTML 7Page - Hirose Electric MMCX-J-SMT Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
B38
sConversion Adaptor
qSMA Conversion Adaptor (Mating area: SMA side plug – MMCX side jack)
13.74
8HEX
3.64
CL No.
Part Number
311-0312-1
HRMP-MMCXJ
qSMA Conversion Adaptor (Mating area: SMA side jack – MMCX side plug)
14
6
4.05
1/4_36UNS_2A
spanner engaged width : 5.6
CL NO.
Part Number
311-0313-4
HRMJ-MMCXP


Similar Part No. - MMCX-J-SMT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MMCX-J-088 HIROSE-MMCX-J-088 Datasheet
166Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
MMCX-J-178B/U HIROSE-MMCX-J-178B/U Datasheet
166Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
MMCX-J-FHSB HIROSE-MMCX-J-FHSB Datasheet
166Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
logo
Samtec, Inc
MMCX-J-H-RA-EM1 SAMTEC-MMCX-J-H-RA-EM1 Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
MMCX-J-H-RA-MT1 SAMTEC-MMCX-J-H-RA-MT1 Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
More results

Similar Description - MMCX-J-SMT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MMCX HIROSE-MMCX Datasheet
166Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
MRF01-J-178 HIROSE-MRF01-J-178 Datasheet
106Kb / 4P
   Push-On Coaxial Connectors (PC Card Type 2 Mountable)
POD3-J-DFS111 HIROSE-POD3-J-DFS111 Datasheet
99Kb / 4P
   Push-Pull Complete Locking Coaxial Connectors (PC Card Type 2 Mountable)
logo
Winchester Electronics ...
10302 WINCHESTER-10302 Datasheet
91Kb / 1P
   COAXIAL CONNECTOR 50 OHM SNAP ON TYPE
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
List of Unclassifed Man...
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
Wurth Elektronik GmbH &...
709659000 WURTH-709659000 Datasheet
77Kb / 1P
   MINIATURE SNAP-ON STOP SPACER
70965XXXX WURTH-70965XXXX Datasheet
37Kb / 1P
   AsSNSN Miniature snap-on spacer arresting on both sides
logo
Panasonic Semiconductor
ACJ2212 PANASONIC-ACJ2212 Datasheet
167Kb / 6P
   SUPER MINIATURE PC BOARD TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com