Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP303 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP303
Description  Temperature Range Monitor In Micropackage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303 Datasheet(HTML) 3 Page - Texas Instruments

  TMP303_16 Datasheet HTML 1Page - Texas Instruments TMP303_16 Datasheet HTML 2Page - Texas Instruments TMP303_16 Datasheet HTML 3Page - Texas Instruments TMP303_16 Datasheet HTML 4Page - Texas Instruments TMP303_16 Datasheet HTML 5Page - Texas Instruments TMP303_16 Datasheet HTML 6Page - Texas Instruments TMP303_16 Datasheet HTML 7Page - Texas Instruments TMP303_16 Datasheet HTML 8Page - Texas Instruments TMP303_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
2
3
6
5
4
V
S
SOH
HYST
SET0
HYST
SET1
GND
OUT
3
TMP303
www.ti.com
SBOS486F – JULY 2009 – REVISED FEBRUARY 2016
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Contact a TI representative for other trip points.
5 Device Options
DEVICE
TRIP POINTS (°C)
TMP303A
TL = 0, TH = 60
(1)
TMP303B
TL = 0, TH = 55
(1)
TMP303C
TL = -20, TH = 60
(1)
TMP303D
TL = -15, TH = 125
(1)
6 Pin Configuration and Functions
DRL Package
6-Pin SOT-563
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
HYSTSET0
1
Digital Input
This pin is used to set the amount of thermal hysteresis.
GND
2
Ground
Ground
OUT
3
Digital Output Active high, push-pull output pin. Does not require a pullup resistor to VS.
SOH
4
Digital Input
Set output high (SOH) pin. If the SOH pin is pulled high, the TMP303 forces the output high.
If the SOH pin is grounded or left floating, this pin has no effect on the behavior of the
TMP303.
VS
5
Power
Supply
Power supply
HYSTSET1
6
Digital Input
This pin is used to set the amount of thermal hysteresis.


Similar Part No. - TMP303_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results

Similar Description - TMP303_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
logo
ON Semiconductor
NVT210 ONSEMI-NVT210_15 Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NCT214 ONSEMI-NCT214_16 Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
NCT1008 ONSEMI-NCT1008_12 Datasheet
333Kb / 20P
   Temperature Monitor
July, 2012 ??Rev. 6
logo
Maxim Integrated Produc...
DS9108 MAXIM-DS9108 Datasheet
61Kb / 3P
   Concrete Temperature Monitor
REV: 102106
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com