Electronic Components Datasheet Search |
|
IS61DDPB22M36B Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc |
|
IS61DDPB22M36B Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc |
1 / 31 page IS61DDPB24M18B/B1/B2 IS61DDPB22M36B/B1/B2 Integrated Silicon Solution, Inc.- www.issi.com Rev. A 09/11/2014 1 4Mx18, 2Mx36 72Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM (2.5 Cycle Read Latency) FEATURES 2Mx36 and 4Mx18 configuration available. On-chip Delay-Locked Loop (DLL) for wide data valid window. Common I/O read and write ports. Synchronous pipeline read with self-timed late write operation. Double Data Rate (DDR) interface for read and write input ports. 2.5 cycle read latency. Fixed 2-bit burst for read and write operations. Clock stop support. Two input clocks (K and K#) for address and control registering at rising edges only. Two echo clocks (CQ and CQ#) that are delivered simultaneously with data. +1.8V core power supply and 1.5, 1.8V VDDQ, used with 0.75, 0.9V VREF. HSTL input and output interface. Registered addresses, write and read controls, byte writes, data in, and data outputs. Full data coherency. Boundary scan using limited set of JTAG 1149.1 functions. Byte write capability. Fine ball grid array (FBGA) package: 13mm x 15mm & 15mm x 17mm body size 165-ball (11 x 15) array Programmable impedance output drivers via 5x user-supplied precision resistor. Data Valid Pin (QVLD). ODT (On Die Termination) feature is supported optionally on data input, K/K#, and BWx#. The end of top mark (B/B1/B2) is to define options. IS61DDPB22M36B : Don’t care ODT function and pin connection IS61DDPB22M36B1 : Option1 IS61DDPB22M36B2 : Option2 Refer to more detail description at page 6 for each ODT option. DESCRIPTION The 72Mb IS61DDPB22M36B/B1/B2 and IS61DDPB24M18B/B1/B2 are synchronous, high- performance CMOS static random access memory (SRAM) devices. These SRAMs have a common I/O bus. The rising edge of K clock initiates the read/write operation, and all internal operations are self-timed. Refer to the Timing Reference Diagram for Truth Table for a description of the basic operations of these DDR-IIP (Burst of 2) CIO SRAMs. Read and write addresses are registered on alternating rising edges of the K clock. Reads and writes are performed in double data rate. The following are registered internally on the rising edge of the K clock: Read/write address Read enable Write enable Byte writes Data-in for first burst addresses Data-Out for second burst addresses The following are registered on the rising edge of the K# clock: Byte writes Data-in for second burst addresses Data-Out for first burst addresses Byte writes can change with the corresponding data-in to enable or disable writes on a per-byte basis. An internal write buffer enables the data-ins to be registered one cycle after the write address. The first data-in burst is clocked one cycle later than the write command signal, and the second burst is timed to the following rising edge of the K# clock. During the burst read operation, the data-outs from the first bursts are updated from output registers of the third rising edge of the K# clock (starting two and half cycles later after read command). The data-outs from the second burst are updated with the fourth rising edge of the K clock where read command receives at the first rising edge of K. The device is operated with a single +1.8V power supply and is compatible with HSTL I/O interfaces. NOVEMBER 2014 Copyright © 2014 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that: a.) the risk of injury or damage has been minimized; b.) the user assume all such risks; and c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances |
Similar Part No. - IS61DDPB22M36B |
|
Similar Description - IS61DDPB22M36B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |