Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1347719 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1347719
Description  22 AWG stranded (7x30) TC conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1347719 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1347719 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1347719 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1347719 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2092 (300 V 60°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
88761, 87761, 82761
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
64
Nom. Inductance:
Inductance (µH/m)
0.6562
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
78.744
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
154.207
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
52.496
Max. Operating Voltage - UL:
Voltage
300 V RMS (UL AWM Style 2092)
Max. Recommended Current:
Current
2.9 Amps per conductor @ 25°C
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8761 060U1000
305 MT
7.711 KG
CHROME
2 #22 PE FS PVC
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8761 Multi-Conductor - Single-Pair Cable


Similar Part No. - 1347719

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
1347778 ETC2-1347778 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
More results

Similar Description - 1347719

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346679 ETC2-1346679 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345076 ETC2-1345076 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
8451 ETC2-8451 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1344805 ETC2-1344805 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
82723 ETC2-82723 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1345992 ETC2-1345992 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
8441 ETC2-8441 Datasheet
100Kb / 3P
   Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
1351322 ETC2-1351322 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com