Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG-8X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RG-8X
Description  50 Ohm Transmission and Computer Cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG-8X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RG-8X Datasheet HTML 1Page - List of Unclassifed Manufacturers RG-8X Datasheet HTML 2Page - List of Unclassifed Manufacturers RG-8X Datasheet HTML 3Page - List of Unclassifed Manufacturers RG-8X Datasheet HTML 4Page - List of Unclassifed Manufacturers RG-8X Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RG-8X Type • 16 AWG Stranded (19x29) .058
″ Bare Copper Conductor • Bare Copper Braid Shield (95% Coverage)
Gas-injected FPE Insulation • Black PVC Jacket
UL AWM
9258
NEC:
U-500
U-152.4
20.0
9.1
16 AWG
.155
3.94
BC Braid
.242
6.15
50
82%
24.8
75.6
Style 1354
CM
500
152.4
18.5
8.4
(19x29)
95% Shield
(30V 80°C)
CEC:
U-1000
U-304.8
39.0 17.7
.058
Coverage
CM
1000
304.8
40.0 18.2
BC
3.3
Ω/M′
4.3
Ω/M′
10.8
Ω/km
14.1
Ω/km
1000 ft. put-up also available in White.
Suitable for Outdoor and Aerial applications.
RG-8/U Type • 13 AWG Stranded (7x21) .085
″ Bare Copper Conductor • Bare Copper Braid Shield (97% Coverage)
Polyethylene Insulation • Black PVC Jacket
75°C
8237
NEC:
100
30.5
13.6
6.2
13 AWG
.285
7.24
BC Braid
.405
10.29
52
66%
28.5
93.5
CMH
500
152.4
58.0 26.3
(7x21)
97% Shield
CEC:
1000
304.8 114.0 51.7
.085
Coverage
CMH FT1
BC
1.2
Ω/M′
1.9
Ω/M′
3.9
Ω/km
6.2
Ω/km
JAN-C-17A
Suitable for Outdoor and Aerial applications.
Polyethylene Insulation • Black Non-contaminating PVC Jacket
UL AWM
9251
NEC:
500
152.4
58.0 26.3
13 AWG
.285
7.24
BC Braid
.405
10.29
52
66%
28.5
93.5
Style 1354
CMX
1000
304.8 115.0 52.3
(7x21)
97% Shield
(30V 60°C)
CEC:
.085
Coverage
CMX
BC
1.2
Ω/M′
1.9
Ω/M′
3.9
Ω/km
6.2
Ω/km
MIL-C-17D
RG-8/U Type • 11 AWG Stranded (7x19) .108
″ Bare Copper Conductor • Bare Copper Braid Shield (97% Coverage)
Foam Polyethylene Insulation • Black PVC Jacket
UL AWM
8214
NEC:
100
30.5
14.2
6.5
11 AWG
.285
7.24
BC Braid
.403
10.24
50
78%
26
85.3
Style 1354
CM
500
152.4
61.0 27.7
(7x19)
97% Shield
(30V 80°C)
CEC:
1000
304.8 121.0 55.0
.108
Coverage
CM
BC
1.1
Ω/M′
1.2
Ω/M′
3.6
Ω/km
3.9
Ω/km
Suitable for Outdoor and Aerial applications.
BC = Bare Copper • DCR = DC Resistance • FPE = Foam Polyethylene • HDPE = High-density Polyethylene • TC = Tinned Copper
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1. Request quotations of RG/U cables not listed.
COAXIAL
CABLES
6.69
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
50 Ohm Transmission and Computer Cable
RG-8X and RG-8/U Type
1
.3
1.0
10
.9
3.0
50
2.1
6.9
100
3.1
10.2
200
4.5
14.8
400
6.6
21.7
700
9.1
29.9
900
10.7
35.1
1000
11.2
36.7
1.2.5
10
.6
1.8
50
1.3
4.3
100
1.9
6.2
200
2.8
9.2
400
4.2
13.8
700
5.9
19.4
900
6.9
22.6
1000
7.4
24.3
4000
23.2
76.1
1.2.5
10
.6
1.8
50
1.3
4.3
100
1.9
6.2
200
2.8
9.2
400
4.2
13.8
700
5.9
19.4
900
6.9
22.6
1000
7.4
24.3
4000
23.2
76.1
1.1.5
10
.5
1.7
50
1.2
3.9
100
1.7
5.6
200
2.6
8.5
400
3.9
12.8
700
5.6
18.4
900
6.5
21.3
1000
7.0
23.0
4000
21.5
70.5
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description


Similar Part No. - RG-8X

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RG-0505D RECOM-RG-0505D Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RG-0509D RECOM-RG-0509D Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RG-051.8D RECOM-RG-051.8D Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RG-0512D RECOM-RG-0512D Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RG-0515D RECOM-RG-0515D Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RG-8X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9182NH ETC2-9182NH Datasheet
52Kb / 2P
   Twinaxial instrumentation and computer cable for data transmission applications
9842NH ETC2-9842NH Datasheet
55Kb / 3P
   Instrumentation and computer cable for EIA RS-485 data transmission applications
9841NH ETC2-9841NH Datasheet
54Kb / 2P
   Instrumentation and computer cable for EIA RS-485 data transmission applications.
logo
Belden Inc.
8216 BELDEN-8216 Datasheet
229Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8
logo
List of Unclassifed Man...
PP001163 ETC2-PP001163 Datasheet
165Kb / 1P
   Control and Computer Cable
logo
Belden Inc.
7810A BELDEN-7810A Datasheet
233Kb / 2P
   50 Ohm Wireless Transmission Coax, RF 400, RG8
logo
Pomona Electronics
6253 POMONA-6253 Datasheet
37Kb / 1P
   50 Ohm Cable Assembly With 50 Ohm Cable Assembly With
logo
List of Unclassifed Man...
3C142B ETC2-3C142B Datasheet
112Kb / 1P
   50 OHM COAXIAL CABLE
311601 ETC2-311601 Datasheet
118Kb / 1P
   50 OHM COAXIAL CABLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com