Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

876106010000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 876106010000
Description  22 AWG stranded (7x30) TC conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

876106010000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  876106010000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 876106010000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 876106010000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
22 AWG stranded (7x30) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil® shield
(100% coverage), 22 AWG stranded TC drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
22
7x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material Wall Thickness (mm)
PE - Polyethylene
0.4064
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil® (Z-Fold®)
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
22
Stranded
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.635
Overall Cabling
Overall Nominal Diameter:
4.445 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Clear
Pair Lay Length & Direction:
Lay Length (mm) Twists/ft. (twist/m)
38.09985
26.248
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +60°C
UL Temperature Rating:
60°C (UL AWM Style 2092)
Bulk Cable Weight:
23.811 Kg/Km
Max. Recommended Pulling Tension:
120.101 N
Min. Bend Radius (Install)/Minor Axis:
44.450 mm
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8761 Multi-Conductor - Single-Pair Cable


Similar Part No. - 876106010000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8761 BELDEN-8761 Datasheet
244Kb / 2P
   Electronic, 2 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
logo
Molex Electronics Ltd.
87615 MOLEX-87615 Datasheet
3Mb / 6P
   PowerPlusTM (SSI) Expandable Power & Signal Connectors
87615-1001 MOLEX9-87615-1001 Datasheet
287Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??SSI) MPS Header, Through Hole, Right Angle, 35 Circuits, Short Power Blade
87615-1008 MOLEX9-87615-1008 Datasheet
287Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus (SSI) MPS Header
87615-1009 MOLEX9-87615-1009 Datasheet
287Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??(SSI) MPS Header, Through Hole, Right Angle, 35 Circuits, Long Power Blade Contact
More results

Similar Description - 876106010000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346679 ETC2-1346679 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345076 ETC2-1345076 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
8451 ETC2-8451 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1344805 ETC2-1344805 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
82723 ETC2-82723 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1345992 ETC2-1345992 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
8441 ETC2-8441 Datasheet
100Kb / 3P
   Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
1351322 ETC2-1351322 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com