Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11700A0103000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 11700A0103000
Description  24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

11700A0103000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  11700A0103000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11700A0103000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11700A0103000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11700A0103000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
Description:
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation, PVC inner jacket, rip cord,
industrial grade sunlight- and oil-resistant PVC outer jacket. Sequential marking at two foot intervals.
Usage (Overall)
Suitable Applications:
Industrial Ethernet Cable, Harsh Environments, EtherNet/IP™, 350MHz
Enhanced Category 5e, Gigabit Ethernet, 100BaseTX, 100BaseVG ANYLAN,
155ATM, 622ATM, NTSC/PAL Component or Composite Video, AES/EBU
Digital Audio, AES51, RS-422, CMX - Outdoor, RJ-45 Compatible, Extra
Protection
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material Dia. (in.)
4
24
Solid
BC - Bare Copper
.020
Insulation
Insulation Material:
Insulation Material Wall Thickness (in.) Dia. (in.)
PO - Polyolefin
.009
.035
Inner Jacket
Inner Jacket Material:
Inner Jacket Material
Nom. Dia. (in.)
PVC - Polyvinyl Chloride .200
Inner Jacket Ripcord:
Yes
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (in.)
Industrial Grade PVC - Polyvinyl Chloride .035
Outer Jacket Ripcord:
Yes
Overall Cabling
Overall Nominal Diameter:
0.285 in.
Pair
Pair Color Code Chart:
Number Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Page 1 of 4
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
11700A Multi-Conductor - Category 5e DataTuff® Twisted Pair Cable


Similar Part No. - 11700A0103000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11700A0103000 ETC2-11700A0103000 Datasheet
35Kb / 5P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
logo
Belden Inc.
11700A0103000 BELDEN-11700A0103000 Datasheet
278Kb / 3P
   DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, MSHA CMR
More results

Similar Description - 11700A0103000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11700A ETC2-11700A Datasheet
35Kb / 5P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
   22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1344423 ETC2-1344423 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
7989R ETC2-7989R Datasheet
90Kb / 3P
   Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com