Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1348167 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1348167
Description  28 AWG stranded (7x36) TC conductors, polypropylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1348167 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1348167 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1348167 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1348167 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
28 AWG stranded (7x36) TC conductors, polypropylene insulation, overall Beldfoil® (100% coverage) + TC
braid shield (90% coverage), 28 AWG stranded TC drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
4
28
7x36
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
PP - Polypropylene
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
2
Braid TC - Tinned Copper
90
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
28
7x36
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
0.237 in.
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
3
Black & Green
4
Black & Blue
Pair Lay Length & Direction:
Lay Length (in.) Twists/ft. (twist/ft)
0.500
24.000
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +60°C
UL Temperature Rating:
60°C (UL AWM Style 2960)
Bulk Cable Weight:
35 lbs/1000 ft.
Max. Recommended Pulling Tension:
54 lbs.
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9806 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/422


Similar Part No. - 1348167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348165 ETC2-1348165 Datasheet
100Kb / 3P
   25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
1348168 ETC2-1348168 Datasheet
102Kb / 3P
   18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
More results

Similar Description - 1348167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348175 ETC2-1348175 Datasheet
99Kb / 3P
   28 AWG stranded (7x36) TC conductors, polypropylene insulation,
1345998 ETC2-1345998 Datasheet
100Kb / 3P
   28 AWG stranded (7x36) TC conductors, Datalene insulation
8132 ETC2-8132 Datasheet
102Kb / 3P
   28 AWG stranded (7x36) TC conductors, Datalene insulation
1345055 ETC2-1345055 Datasheet
100Kb / 3P
   28 AWG stranded (7x36) TC conductors, Datalene insulation
28526 ETC2-28526 Datasheet
33Kb / 3P
   28 AWG stranded (7x36) TC conductors, Datalene insulation
1344805 ETC2-1344805 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1883A ETC2-1883A Datasheet
101Kb / 3P
   24 AWG stranded (7x32) TC conductors, polypropylene insulation
1346679 ETC2-1346679 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345076 ETC2-1345076 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
9773 ETC2-9773 Datasheet
102Kb / 3P
   18 AWG stranded (19x30) TC conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com