Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8500006100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8500006100
Description  Tinned copper conductor, PVC insulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8500006100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8500006100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8500006100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
Description:
Tinned copper conductor, PVC insulation. Covers insulated wire for internal wiring of meters, panels, and
electrical or electronic equipment. Temperatures to 105ºC.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
16
19x29
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.254
Overall Insulation
Overall Cabling
Overall Nominal Diameter:
2.007 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2006
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Military Specification:
MIL-W-16878/1
MIL Spec Rating:
600 V, 105°C
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8500 0011000
305 MT
4.536 KG
BROWN
P
16 STR PVC BRN
8500 002100
30 MT
0.499 KG
RED
16 STR PVC RED
8500 0021000
305 MT
4.536 KG
RED
P
16 STR PVC RED
8500 0031000
305 MT
4.536 KG
ORANGE
P
16 STR PVC ORG
8500 004100
30 MT
0.499 KG
YELLOW
16 STR PVC YEL
Page 1 of 2
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8500 Hook-up/Lead - (Type B) MIL-W-16878/1-PVC


Similar Part No. - 8500006100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8500000100 LITTELFUSE-8500000100 Datasheet
93Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
85000001009 LITTELFUSE-85000001009 Datasheet
826Kb / 2P
   50/851/852/853 Series Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/19
More results

Similar Description - 8500006100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344172 ETC2-1344172 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1682738 ETC2-1682738 Datasheet
100Kb / 2P
   Tinned copper conductor, PVC insulation
1344843 ETC2-1344843 Datasheet
98Kb / 2P
   Tinned copper conductor, PVC insulation
1344194 ETC2-1344194 Datasheet
97Kb / 2P
   Tinned copper conductor, PVC insulation.
1347078 ETC2-1347078 Datasheet
99Kb / 2P
   Tinned copper conductor, PVC insulation
1346228 ETC2-1346228 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
9904 ETC2-9904 Datasheet
98Kb / 2P
   Tinned copper conductor, PVC insulation.
1344526 ETC2-1344526 Datasheet
97Kb / 2P
   Tinned copper conductor, PVC insulation
1344195 ETC2-1344195 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1345067 ETC2-1345067 Datasheet
95Kb / 2P
   Tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com