Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NLP204836B Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61NLP204836B
Description  100 percent bus utilization
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP204836B Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP204836B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NLP204836B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLP204836B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP204836B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP204836B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP204836B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP204836B Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NLP204836B Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NLP204836B Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
8/4/2014
IS61NLP204836B/IS61NVP/NVVP204836B
IS61NLP409618B/IS61NVP/NVVP409618B
PIN CONFIGURATION
100-Pin TQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
DQPb
DQb
DQb
VDDQ
Vss
DQb
DQb
DQb
DQb
Vss
VDDQ
DQb
DQb
Vss
NC
VDD
ZZ
DQa
DQa
VDDQ
Vss
DQa
DQa
DQa
DQa
Vss
VDDQ
DQa
DQa
DQPa
DQPc
DQc
DQc
VDDQ
Vss
DQc
DQc
DQc
DQc
Vss
VDDQ
DQc
DQc
NC
VDD
NC
Vss
DQd
DQd
VDDQ
Vss
DQd
DQd
DQd
DQd
Vss
VDDQ
DQd
DQd
DQPd
2M x 36
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A
Synchronous Address Inputs
CLK
Synchronous Clock
ADV
Synchronous Burst Address Advance
BWa
-BWd
Synchronous Byte Write Enable
WE
Synchronous Write Enable
CKE
Synchronous Clock Enable
Vss
Ground for Core
NC
Not Connected
CE
, CE2, CE2
Synchronous Chip Enable
OE
Asynchronous Output Enable
DQa-DQd
Synchronous Data Inputs/Outputs
DQPa-DQPd
Synchronous Parity Data
Inputs/Outputs
MODE
Burst Sequence Selection
Vdd
Power Supply
Vss
Ground for output Buffer
Vddq
I/O Power Supply
ZZ
Asynchronous Snooze Enable


Similar Part No. - IS61NLP204836B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP204818A ISSI-IS61NLP204818A Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NLP204818A-166B3 ISSI-IS61NLP204818A-166B3 Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NLP204818A-166B3I ISSI-IS61NLP204818A-166B3I Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NLP204818A-166TQ ISSI-IS61NLP204818A-166TQ Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NLP204818A-166TQI ISSI-IS61NLP204818A-166TQI Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
More results

Similar Description - IS61NLP204836B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLF204836B ISSI-IS61NLF204836B Datasheet
1Mb / 38P
   100 percent bus utilization
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
Integrated Silicon Solu...
IS25LD512 ISSI-IS25LD512 Datasheet
600Kb / 43P
   Flash Memory With 100 MHz Dual-Output SPI Bus
logo
Elpida Memory
HB52E648EN-A6B ELPIDA-HB52E648EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com