Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NVVP204836B Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61NVVP204836B
Description  100 percent bus utilization
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVVP204836B Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61NVVP204836B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NVVP204836B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NVVP204836B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NVVP204836B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NVVP204836B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVVP204836B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVVP204836B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NVVP204836B Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NVVP204836B Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. A
8/4/2014
IS61NLP204836B/IS61NVP/NVVP204836B
IS61NLP409618B/IS61NVP/NVVP409618B
119-PIN PBGA PACKAGE CONFIGURATION
4M x 18 (TOP VIEW)
PIN DESCRIPTIONS
Symbol
Pin Name
A
Synchronous Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address Advance/
Load
WE
Synchronous Read/Write Control Input
CLK
Synchronous Clock
CKE
Synchronous Clock Enable
CE
Synchronous Chip Select
CE
2
Synchronous Chip Select
CE2
Synchronous Chip Select
BWa
-BWb
Synchronous Byte Write Inputs
OE
Asynchronous Output Enable
ZZ
Asynchronous Power Sleep
Mode
MODE
Burst Sequence Selection
TCK, TDO
JTAG Pins
TMS, TDI
Vdd
Power Supply
Vss
Ground
NC
No Connect
DQa-DQb
Synchronous Data Inputs/Outputs
DQPa-DQPb Synchronous Parity Data
Inputs/Outputs
Vddq
I/O Power Supply
Note: A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
1
2
3
4
5
6
7
A
VDDQ
A
A
A
A
A
VDDQ
B
NC
CE2
A
ADV
A
CE
2
NC
C
NC
A
A
VDD
A
A
NC
D
DQb
NC
VSS
NC
VSS
DQPa
NC
E
NC
DQb
VSS
CE
VSS
NC
DQa
F
VDDQ
NC
VSS
OE
VSS
DQa
VDDQ
G
NC
DQb
BW
b
A
NC
NC
DQa
H
DQb
NC
VSS
WE
VSS
DQa
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
DQb
VSS
CLK
VSS
NC
DQa
L
DQb
NC
NC
NC
BW
a
DQa
NC
M
VDDQ
DQb
VSS
CKE
VSS
NC
VDDQ
N
DQb
NC
VSS
A1*
VSS
DQa
NC
P
NC
DQPb
VSS
A0*
VSS
NC
DQa
R
NC
A
MODE
VDD
NC
A
NC
T
A
A
A
A
A
A
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ


Similar Part No. - IS61NVVP204836B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-200B ISSI-IS61NVVP25672-200B Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-200BI ISSI-IS61NVVP25672-200BI Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-250B ISSI-IS61NVVP25672-250B Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-250BI ISSI-IS61NVVP25672-250BI Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
More results

Similar Description - IS61NVVP204836B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLF204836B ISSI-IS61NLF204836B Datasheet
1Mb / 38P
   100 percent bus utilization
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
Integrated Silicon Solu...
IS25LD512 ISSI-IS25LD512 Datasheet
600Kb / 43P
   Flash Memory With 100 MHz Dual-Output SPI Bus
logo
Elpida Memory
HB52E648EN-A6B ELPIDA-HB52E648EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com