Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NVVP409618B Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61NVVP409618B
Description  100 percent bus utilization
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVVP409618B Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61NVVP409618B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
11
Rev. A
8/4/2014
IS61NLP204836B/IS61NVP/NVVP204836B
IS61NLP409618B/IS61NVP/NVVP409618B
ASYNCHRONOUS TRUTH TABLE(1)
Operation
ZZ
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
L
L
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Notes:
1. X means "Don't Care".
2. For write cycles following read cycles, the output buffers must be disabled with OE, otherwise data
bus contention will occur.
3. Sleep Mode means power Sleep Mode where stand-by current does not depend on cycle time.
4. Deselected means power Sleep Mode where stand-by current depends on cycle time.
WRITE TRUTH TABLE (x18)
Operation
WE
BW
a
BW
b
READ
H
X
X
WRITE BYTE a
L
L
H
WRITE BYTE b
L
H
L
WRITE ALL BYTEs
L
L
L
WRITE ABORT/NOP
L
H
H
Notes:
1. X means "Don't Care".
2. All inputs in this table must beet setup and hold time around the rising edge of CLK.


Similar Part No. - IS61NVVP409618B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-200B ISSI-IS61NVVP25672-200B Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-200BI ISSI-IS61NVVP25672-200BI Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-250B ISSI-IS61NVVP25672-250B Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-250BI ISSI-IS61NVVP25672-250BI Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
More results

Similar Description - IS61NVVP409618B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLF204836B ISSI-IS61NLF204836B Datasheet
1Mb / 38P
   100 percent bus utilization
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
Integrated Silicon Solu...
IS25LD512 ISSI-IS25LD512 Datasheet
600Kb / 43P
   Flash Memory With 100 MHz Dual-Output SPI Bus
logo
Elpida Memory
HB52E648EN-A6B ELPIDA-HB52E648EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com