Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NVVP409618B Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61NVVP409618B
Description  100 percent bus utilization
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVVP409618B Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61NVVP409618B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVVP409618B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
8/4/2014
IS61NLP204836B/IS61NVP/NVVP204836B
IS61NLP409618B/IS61NVP/NVVP409618B
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
PIN DESCRIPTIONS
Symbol
Pin Name
A
Synchronous Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address Advance/
Load
WE
Synchronous Read/Write Control Input
CLK
Synchronous Clock
CKE
Synchronous Clock Enable
CE
, CE2, CE2 Synchronous Chip Enable
BWa
-BWd
Synchronous Byte Write Inputs
OE
Asynchronous Output Enable
ZZ
Asynchronous Power Sleep
Mode
MODE
Burst Sequence Selection
TCK, TDI
JTAG Pins
TDO, TMS
VDD
Power Supply
NC
No Connect
DQa-DQd
Synchronous Data Inputs/Outputs
DQPa-DQPd
Synchronous Parity Data
Inputs/Outputs
VDDQ
I/O Power Supply
Vss
Ground
PIN CONFIGURATION — 2M x 36, 165-Ball PBGA (TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
A
NC
A
CE
BW
c
BW
b
CE
2
CKE
ADV
A
A
NC
B
NC
A
CE2
BW
d
BW
a
CLK
WE
OE
A
A
NC
C
DQPc
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
DQPb
D
DQc
DQc
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQb
DQb
E
DQc
DQc
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQb
DQb
F
DQc
DQc
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQb
DQb
G
DQc
DQc
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQb
DQb
H
NC
NC
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
J
DQd
DQd
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
DQa
K
DQd
DQd
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
DQa
L
DQd
DQd
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
DQa
M
DQd
DQd
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
DQa
N
DQPd
NC
VDDQ
VSS
NC
NC
NC
VSS
VDDQ
NC
DQPa
P
NC
A
A
A
TDI
A1*
TDO
A
A
A
NC
R
MODE
A
A
A
TMS
A0*
TCK
A
A
A
A


Similar Part No. - IS61NVVP409618B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-200B ISSI-IS61NVVP25672-200B Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-200BI ISSI-IS61NVVP25672-200BI Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-250B ISSI-IS61NVVP25672-250B Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672-250BI ISSI-IS61NVVP25672-250BI Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
More results

Similar Description - IS61NVVP409618B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLF204836B ISSI-IS61NLF204836B Datasheet
1Mb / 38P
   100 percent bus utilization
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
Integrated Silicon Solu...
IS25LD512 ISSI-IS25LD512 Datasheet
600Kb / 43P
   Flash Memory With 100 MHz Dual-Output SPI Bus
logo
Elpida Memory
HB52E648EN-A6B ELPIDA-HB52E648EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com