Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1348491 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1348491
Description  Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1348491 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1348491 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1348491 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1348491 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1348491 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
Description:
Series 6, 18 AWG solid .040" bare copper conductor, gas-injected foam polyethylene insulation,
Duobond® + aluminum braid shields (60% and 40% coverage), PVC jacket (black or white).
Usage (Overall)
Suitable Applications:
HDTV, DBS, Broadband CATV, Cable Modem
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material Dia. (mm)
1
18
Solid
BC - Bare Copper
1.016
Insulation
Insulation Material:
Insulation Material
Dia. (mm)
Gas-injected FPE - Foam Polyethylene 4.572
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Bonded Duofoil®
Tape Bonded Aluminum Foil-Polyester Tape-Aluminum Foil 100
2
Braid AL - Aluminum
60
3
Duofoil®
Tape Aluminum Foil-Polyester Tape-Aluminum Foil
100
4
Braid AL - Aluminum
40
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
7.569 mm
Mechanical Characteristics (Overall)
Storage Temperature Range:
-40°C To +80°C
Installation Temperature Range:
-30°C To +80°C
Operating Temperature Range:
-40°C To +80°C
Bulk Cable Weight:
47.622 Kg/Km
Max. Recommended Pulling Tension:
462.613 N
Min. Bend Radius (Install)/Minor Axis:
50.800 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CATV, CM
CEC/C(UL) Specification:
CM
EU CE Mark:
Yes
Page 1 of 4
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
7916A Coax - Series 6


Similar Part No. - 1348491

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1348499 ETC2-1348499 Datasheet
101Kb / 3P
   110 Ohm, 26 AWG stranded (7x34) .018 TC conductors
More results

Similar Description - 1348491

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1351636 ETC2-1351636 Datasheet
101Kb / 3P
   Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
   18 AWG bare copper conductor, foam polyethylene insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com