Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1348499 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1348499
Description  110 Ohm, 26 AWG stranded (7x34) .018 TC conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1348499 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1348499 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1348499 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1348499 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.0
4.39654
1.5
5.05274
2.0
5.54489
3.1
6.29952
4.1
7.02134
5.6
7.8744
8.2
9.02275
11.3
10.1383
12.3
10.4336
24.6
13.7802
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
1.9 Amps per conductor @ 25°C
Notes (Overall)
Notes: For cross-connect use with 7891A (et al.) Digital Audio Snake Cables.
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9180 Z4B1000
305 MT
4.536 KG
VIO Z4B
2 #26 FHDPE FS FRPVC
9180 0601000
305 MT
4.536 KG
CHROME
C
2 #26 FHDPE FS FRPVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 1
Revision Date: 04-21-2009
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9180 Multi-Conductor - Single-Pair Cable


Similar Part No. - 1348499

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
More results

Similar Description - 1348499

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
83317E ETC2-83317E Datasheet
99Kb / 3P
   26 AWG stranded (7x34) silver-plated copper conductors, cabled and color-coded, extruded TFE Teflon
1682721 ETC2-1682721 Datasheet
110Kb / 3P
   1 Meter HDMI Assembly. HDMI Composite Cable - 4 pairs (26 AWG stranded (7x34) bare copper conductors
1883A ETC2-1883A Datasheet
101Kb / 3P
   24 AWG stranded (7x32) TC conductors, polypropylene insulation
8641 ETC2-8641 Datasheet
102Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1348175 ETC2-1348175 Datasheet
99Kb / 3P
   28 AWG stranded (7x36) TC conductors, polypropylene insulation,
1346679 ETC2-1346679 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1347719 ETC2-1347719 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polyethylene insulation
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351322 ETC2-1351322 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
9843 ETC2-9843 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com