Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9180Z4B1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9180Z4B1000
Description  110 Ohm, 26 AWG stranded (7x34) .018 TC conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9180Z4B1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9180Z4B1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9180Z4B1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9180Z4B1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMR
CEC/C(UL) Specification:
CMG
EU CE Mark:
No
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Other Specification:
AES/EBU
Flame Test
UL Flame Test:
UL1685 FT4 Loading
CSA Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
110
Nom. Inductance:
Inductance (µH/m)
0.75463
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
42.653
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
85.306
Nominal Velocity of Propagation:
VP (%)
76
Nominal Delay:
Delay (ns/m)
4.39654
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
122.381
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
75.7911
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
.38
2.75604
.77
3.87158
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9180 Multi-Conductor - Single-Pair Cable


Similar Part No. - 9180Z4B1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9180 BELDEN-9180 Datasheet
163Kb / 2P
   Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
logo
Heyco.
9180 HEYCO-9180 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Belden Inc.
9180-0601000 BELDEN-9180-0601000 Datasheet
163Kb / 2P
   Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
9180-Z4B1000 BELDEN-9180-Z4B1000 Datasheet
163Kb / 2P
   Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
logo
Dialight Corporation
91802A DIALIGHT-91802A Datasheet
1Mb / 4P
   LED Bus Lighting
More results

Similar Description - 9180Z4B1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
83317E ETC2-83317E Datasheet
99Kb / 3P
   26 AWG stranded (7x34) silver-plated copper conductors, cabled and color-coded, extruded TFE Teflon
1682721 ETC2-1682721 Datasheet
110Kb / 3P
   1 Meter HDMI Assembly. HDMI Composite Cable - 4 pairs (26 AWG stranded (7x34) bare copper conductors
1883A ETC2-1883A Datasheet
101Kb / 3P
   24 AWG stranded (7x32) TC conductors, polypropylene insulation
8641 ETC2-8641 Datasheet
102Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1348175 ETC2-1348175 Datasheet
99Kb / 3P
   28 AWG stranded (7x36) TC conductors, polypropylene insulation,
1346679 ETC2-1346679 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1347719 ETC2-1347719 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polyethylene insulation
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351322 ETC2-1351322 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
9843 ETC2-9843 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com