Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61QDB24M18A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61QDB24M18A
Description  2Mx36 and 4Mx18 configuration available
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDB24M18A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61QDB24M18A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDB24M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDB24M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDB24M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDB24M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDB24M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDB24M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDB24M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61QDB24M18A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
IS61QDB24M18A
IS61QDB22M36A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
8/7/2014
6
Power-Up and Power-Down Sequences
The recommendation of voltage apply sequence is : VDD → VDDQ
1)→V
REF
2)→ V
IN
Notes:
VDDQ can be applied concurrently with VDD.
VREF can be applied concurrently with VDDQ.
After power and clock signals are stabilized, device can be ready for normal operation after tKC-Lock cycles. In tKC-
lock cycle period, device initializes internal logics and locks DLL. Depending on /Doff status, locking DLL will be
skipped. The following timing pictures are possible examples of power up sequence.
Sequence1. /Doff is fixed low
After tKC-lock cycle of stable clock, device is ready for normal operation.
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
VDD
VDDQ
VREF
VIN
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Sequence2. /Doff is controlled and goes high after clock being stable.
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
>tKC-lock for device initialization
>tKC-lock for device initialization


Similar Part No. - IS61QDB24M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB24M18-200M3L ISSI-IS61QDB24M18-200M3L Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB24M18-250M3 ISSI-IS61QDB24M18-250M3 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB24M18-250M3L ISSI-IS61QDB24M18-250M3L Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB24M18-300M3 ISSI-IS61QDB24M18-300M3 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB24M18-300M3L ISSI-IS61QDB24M18-300M3L Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
More results

Similar Description - IS61QDB24M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
IS61QDPB44M18B ISSI-IS61QDPB44M18B Datasheet
937Kb / 33P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B24M18A ISSI-IS61QDP2B24M18A Datasheet
815Kb / 31P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B44M18A ISSI-IS61QDP2B44M18A Datasheet
865Kb / 33P
   2Mx36 and 4Mx18 configuration available
IS61QDPB44M18A ISSI-IS61QDPB44M18A Datasheet
920Kb / 33P
   2Mx36 and 4Mx18 configuration available
logo
Samsung semiconductor
K7N641845M SAMSUNG-K7N641845M Datasheet
455Kb / 24P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7N643645M SAMSUNG-K7N643645M Datasheet
555Kb / 25P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com