Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61QDP2B41M36A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61QDP2B41M36A
Description  1Mx36 and 2Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDP2B41M36A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61QDP2B41M36A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
IS61QDP2B42M18A/A1/A2
IS61QDP2B41M36A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
12/15/2014
6
ODT (On Die Termination)
On Die Termination (ODT) is a feature that allows a SRAM to change input resistive termination condition by ODT pin
which function can have three status, High, Low, and Floating. Each status can have different ODT termination value
that tracks the value of RQ (Refer to the table of Fig1) and ODT of QUADP is always turned on during the read and
write function after ODT level to connect with ODT resistor is forced.
Fig1. Functional representation of ODT
Notes
1. Allowable range of RQ to guarantee impedance matching a tolerance of ±20% is 175
Ω<RQ<350Ω.
2. Allowable range of RQ to guarantee impedance matching a tolerance of ±20% is 175
Ω<RQ<250Ω.
3. ODT control pin is connected to VDDQ through 3.5k
Ω. Therefore it is recommended to connect it to VSS
through less than 100
Ω to make it low.
4. ODT control pin is connected to VSS through 3.5k
Ω. Therefore it is recommended to connect it to VDDQ
through less than 100
Ω to make it high.
ODT PIN
For option1 case, low input level of ODT pin can select strong (RQ
1) input termination range (175Ω<RQ<350Ω) and
high input level of ODT pin can select weak (RQ
2) input termination range (175Ω<RQ<250Ω) with K, K#, D0 to Dn,
BWx# and if ODT pin is on floating condition, it set weak (RQ
2) input termination range which ODT pin is connected by
pull-up resistor internally.
For option2 case, high input level of ODT pin can select weak (RQ
2) input termination
range (175
Ω<RQ<250Ω) with D0 to Dn, BWx# and low input level or floating of ODT pin can select disable of the ODT
function.
R1
R2
R3
Option1
3
0.3x
RQ
1
0.6x
RQ
2
0.6x
RQ
2
Option2
4
ODT
disable
0.6x
RQ
2
ODT
disable
PAD
ODT=L
ODT=L
ODT=H
ODT=H
ODT=Floating
ODT=Floating
VDDQ
VSS
VDDQ
VSS
VDDQ
VSS
R1x2
R1x2
R2x2
R2x2
R3x2
R3x2


Similar Part No. - IS61QDP2B41M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDP2B41M18A ISSI-IS61QDP2B41M18A Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B41M18A1 ISSI-IS61QDP2B41M18A1 Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B41M18A2 ISSI-IS61QDP2B41M18A2 Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
More results

Similar Description - IS61QDP2B41M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB42M18B ISSI-IS61QDPB42M18B Datasheet
886Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDB22M18A ISSI-IS61QDB22M18A Datasheet
836Kb / 29P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B22M18A ISSI-IS61QDP2B22M18A Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB22M18A ISSI-IS61QDPB22M18A Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61DDPB22M18B ISSI-IS61DDPB22M18B Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com